| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 133 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 133 Page - Nordic Semiconductor |
|
133 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description O RW TRIGGERED14 Enable or disable interrupt for TRIGGERED[14] event See EVENTS_TRIGGERED[14] Disabled 0 Disable Enabled 1 Enable P RW TRIGGERED15 Enable or disable interrupt for TRIGGERED[15] event See EVENTS_TRIGGERED[15] Disabled 0 Disable Enabled 1 Enable 6.7.1.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TRIGGERED0 Write '1' to Enable interrupt for TRIGGERED[0] event See EVENTS_TRIGGERED[0] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW TRIGGERED1 Write '1' to Enable interrupt for TRIGGERED[1] event See EVENTS_TRIGGERED[1] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW TRIGGERED2 Write '1' to Enable interrupt for TRIGGERED[2] event See EVENTS_TRIGGERED[2] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW TRIGGERED3 Write '1' to Enable interrupt for TRIGGERED[3] event See EVENTS_TRIGGERED[3] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW TRIGGERED4 Write '1' to Enable interrupt for TRIGGERED[4] event See EVENTS_TRIGGERED[4] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW TRIGGERED5 Write '1' to Enable interrupt for TRIGGERED[5] event See EVENTS_TRIGGERED[5] Set 1 Enable Disabled 0 Read: Disabled 4430_161 v1.0 133 |