| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DL2482 bảng dữ liệu(PDF) 46 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DL2482 bảng dữ liệu(HTML) 46 Page - OSRAM GmbH |
|
46 / 82 page ![]() Economical long-life light sources with plug-in bases. Compact Fluorescent Lamps OSRAM DULUX® Technical Guide 45 4. Operating characteristics 4.4 Operating values of the lamps as a function of mains voltage Typical curves for the electrical an photometric data as a function of mains voltage for OSRAM DULUX® lamps in CCG operation Burning position: Base up, free-burning Ambient temperature: 25 °C Typical curves for the electrical and photometric data as a function of mains voltage for OSRAM DULUX® lamps in ECG operation Burning position: Base up, free-burning Ambient temperature: 25 ºC 101,0 100,8 100,6 100,4 100,2 100,0 99,8 99,6 99,4 99,2 99,0 85 90 95 100 105 110 115 130 125 120 115 110 105 100 95 90 85 80 85 90 95 100 105 110 115 Amp Watt Volt lm lm/W Amp Watt Volt lm lm/W Mains voltage (%) Mains voltage (%) |