| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD813F2 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 110 page ![]() PSD835G2 PSD8XX Family 55 The PSD835G2 Functional Blocks (cont.) Control Direction VM Defined In Register Register Register JTAG Mode PSDsoft Setting Setting Setting Enable Declare 0 1 = output, MCU I/O pins only (Note 3) 0 = input NA NA (Note 1) Declare pins PLD I/O and logic NA (Note 1) NA NA equations Data Port Selected for (Port F) MCU with NA NA NA NA non-mux bus Address Out Declare 1 1 (Note 1) NA NA (Port E, F, G) pins only Declare pins or Address In logic equation NA NA NA NA (Port A,B,C,D,F) for input Micro ⇔Cells Peripheral I/O Logic equations NA NA PIO bit = 1 NA (Port F) (PSEL0 & 1) JTAG ISP Declare pins NA NA NA JTAG_Enable (Note 2) only Table 17. Port Operating Mode Settings *NA = Not Applicable NOTE: 1. The direction of the Port A,B,C, and F pins are controlled by the Direction Register ORed with the individual output enable product term (.oe) from the CPLD AND array. 2. Any of these three methods will enable JTAG pins on Port E. 3. Control Register setting is not applicable to Ports A, B and C. 9.4.2.1 MCU I/O Mode In the MCU I/O Mode, the microcontroller uses the PSD835G2 ports to expand its own I/O ports. By setting up the CSIOP space, the ports on the PSD4000 are mapped into the microcontroller address space. The addresses of the ports are listed in Table 6. A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the Control Register (Port E, F and G). The MCU I/O direction may be changed by writing to the corresponding bit in the Direction Register, or by the output enable product term. See the subsection on the Direction Register in the “Port Registers” section. When the pin is configured as an output, the content of the Data Out Register drives the pin. When config- ured as an input, the microcontroller can read the port input through the Data In buffer. See Figure 22. Ports A, B and C do not have Control Registers, and are in MCU I/O mode by default. They can be used for PLD I/O if they are specified in PSDsoft. 9.4.2.2 PLD I/O Mode The PLD I/O Mode uses a port as an input to the CPLD’s Input Micro ⇔Cells, and/or as an output from the CPLD’s Output Micro ⇔Cells. The output can be tri-stated with a control signal. This output enable control signal can be defined by a product term from the PLD, or by setting the corresponding bit in the Direction Register to ‘0’. The corresponding bit in the Direction Register must not be set to ‘1’ if the pin is defined as a PLD input pin in PSDsoft. The PLD I/O Mode is specified in PSDsoft by declaring the port pins, and then specifying an equation in PSDsoft. |