công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD813F2 bảng dữ liệu(PDF) 93 Page - STMicroelectronics

tên linh kiện PSD813F2
Giải thích chi tiết về linh kiện  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 bảng dữ liệu(HTML) 93 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 89Page - STMicroelectronics PSD813F2 Datasheet HTML 90Page - STMicroelectronics PSD813F2 Datasheet HTML 91Page - STMicroelectronics PSD813F2 Datasheet HTML 92Page - STMicroelectronics PSD813F2 Datasheet HTML 93Page - STMicroelectronics PSD813F2 Datasheet HTML 94Page - STMicroelectronics PSD813F2 Datasheet HTML 95Page - STMicroelectronics PSD813F2 Datasheet HTML 96Page - STMicroelectronics PSD813F2 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
PSD8XX Family
PSD835G2
92
-90
-12
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tWLQV (PF)
WR to Data Propagation Delay
(Note 2)
40
43
ns
tDVQV (PF)
Data to Port F Data Propagation
Delay
(Note 5)
35
38
ns
tWHQZ (PF)
WR Invalid to Port F Tri-state
(Note 2)
33
33
ns
Port F Peripheral Data Mode Write Timing (3.0 V to 3.6 V Versions)
Microcontroller Interface – PSD835G2 AC/DC Parameters
(3.0 V to 3.6 V Versions)
NOTES: 1. RD timing has the same timing as DS and PSEN signals.
2. WR timing has the same timing as E and DS signals.
3. Any input used to select Port F Data Peripheral Mode.
4. Data is already stable on Port F.
5. Data stable on ADIO pins to data on Port F.
-90
-12
Turbo
Symbol
Parameter
Conditions
Min
Max
Min
Max
Off
Unit
tAVQV (PF)
Address Valid to Data Valid
(Note 3)
50
50
Add 20
ns
tSLQV (PF)
CSI Valid to Data Valid
35
40
Add 20
ns
RD to Data Valid
(Notes 1 and 4)
35
40
ns
tRLQV (PF)
RD to Data Valid, 8031 Mode
45
45
ns
tDVQV (PF)
Data In to Data Out Valid
34
38
ns
tQXRH (PF)
RD Data Hold Time
0
0
ns
tRLRH (PF)
RD Pulse Width
(Note 1)
35
36
ns
tRHQZ (PF)
RD to Data High-Z
(Note 1)
38
40
ns
Port F Peripheral Data Mode Read Timing (3.0 V to 3.6 V Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More