công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLL3CFB bảng dữ liệu(PDF) 130 Page - Renesas Technology Corp

tên linh kiện R7F100LLL3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB bảng dữ liệu(HTML) 130 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 126Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 127Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 128Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 129Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 130Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 131Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 132Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 133Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 130 of 145
Oct 31, 2025
2.6.8.3
Capacitor split method
1. 1/3 bias method, VDD reference (MDSET2 to MDSET0 = 010B, LBAS1 to LBAS0 = 01B)
Note 1.
C1 to C4 are the capacitors that are to be connected to the LCD drive voltage pins of the MCU.
C1 is to be connected between CAPH and CAPL.
C2 is to be connected between VL1 and GND.
C3 is to be connected between VL2 and GND.
C4 is to be connected between VL4 and GND. This is required when the voltage generation method is switched to the
internal voltage boosting method.
C1 = C2 = C3 = C4 = 0.47 µF ±30%
Note 2.
This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
2. 1/3 bias method, VL4 reference (MDSET2 to MDSET0 = 110B, LBAS1 to LBAS0 = 01B)
Note 1.
C1 to C4 are the capacitors that are to be connected to the LCD drive voltage pins of the MCU.
C1 is to be connected between CAPH and CAPL.
C2 is to be connected between VL1 and GND.
C3 is to be connected between VL2 and GND.
C4 is to be connected between VL4 and GND.
C1 = C2 = C3 = C4 = 0.47 µF ±30%
Note 2.
The time required to wait from when the capacitor split method is selected (MDSET2 to MDSET0 = 110B) until voltage
bucking starts (VLCON = 1).
Note 3.
This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
(TA = -40 to +105°C, 2.2 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
VL4 output voltage
VL4
C1 to C4 = 0.47 µFNote 1
VDD
V
VL2 output voltage
VL2
C1 to C4 = 0.47 µFNote 1
2/3VL4
-3%
2/3VL4
2/3VL4
+3%
V
VL1 output voltage
VL1
C1 to C4 = 0.47 µFNote 1
1/3VL4
-3%
1/3VL4
1/3VL4
+3%
V
Capacitor split wait timeNote 2
tVWAIT
100
ms
(TA = -40 to +105°C, 3.2 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
VL4 output voltage
VL4
C1 to C4 = 0.47 µFNote 1
2.89
3.04
3.20
V
VL2 output voltage
VL2
C1 to C4 = 0.47 µFNote 1
1.89
2.03
2.17
V
VL1 output voltage
VL1
C1 to C4 = 0.47 µFNote 1
0.94
1.01
1.08
V
Reference voltage setup time
Note 2
tVWAIT1
10
ms
Capacitor split wait timeNote 3
tVWAIT
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com