công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLE3CFB bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện R7F100LLE3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 7Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 8Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 9Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 10Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 11Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 12Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 13Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 14Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 11 of 145
Oct 31, 2025
1.3.2
48-pin products
• 48-pin plastic LFQFP (7 × 7 mm, 0.50-mm pitch)
• 48-pin plastic HWQFN (7 × 7 mm, 0.50-mm pitch)
Note 1. Not present in products with 128 or fewer Kbytes of code flash memory.
Note 2. The 48-pin plastic LFQFP (7 × 7 mm, 0.50-mm pitch) products do not have an exposed die pad.
Caution
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. Functions in parentheses can be assigned via settings in the peripheral I/O redirection registers (PIORx). For details, see
4.3.10 Peripheral I/O redirection registers (PIORx) in the RL78/L23 User’s Manual.
Remark 3. For products in the HWQFN package, solder the exposed die pad to the printed circuit board.
We recommend leaving the destination for mounting of the exposed die pad electrically open-circuit.
36 35 34 33 32 31 30 29 28 27 26 25
1
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
RL78/L23
(Top View)
P57/INTP6/SEG11/TSCAP/(TI03)/(TO03)/(REMOOUT)
P75/KR5/SEG17/TS11/CCD02/SCK20/SCL20/(TKBO11)
Note 1/(TKBO01)/(TI03)/(TO03)/(REMOOUT)/(INTP0)
P76/KR6/SEG18/TS10/CCD01/TKBO00/SI20/SDA20/RxD2/EI76/EO76/(INTP2)/(RTC1HZ)/(EXSDO1)
P77/KR7/SEG19/TS09/CCD00/TKBO01/SO20/TxD2/EI77/EO77/(TKBO21)Note 1/(TI07)/(TO07)/(INTP1)/(EXSDO0)
P125/VL3/TS02/(TI06)/(TO06)/(INTP7)/(SDA30)/(PCLBUZ1)
P85/VL4/(VCOUT0)/(INTP4)/(SCK10)/(SCL10)/(SCL30)
P86/VL2/(TI06)/(TO06)/(INTP3)/(RxD1)/(SI10)/(SDA10)/(PCLBUZ1)
P87/VL1/(TxD1)/(SO10)
P126/CAPL/TS01/(TI04)/(TO04)/(INTP4)
P127/CAPH/TS00/(TI03)/(TO03)/(REMOOUT)
P61/SDAA0/CCD05/EO61/(TI02)/(TO02)/(INTP4)
P60/SCLA0/CCD04/EO60/(TI01)/(TO01)/(INTP3)
Exposed die pad
23 456 7 8 9 10 11 12
P20/ANI1/AVREFM/EI20/(TI00)/(INTP7)/(PCLBUZ1)
P21/ANI0/AVREFP/VBAT1/EI21/(TO00)/(INTP6)/(PCLBUZ0)
P22/ANI16/SEG29/SCK21/SCL21/(SCK00)/(SCL00)/(INTP7)
P26/ANI20/SEG33/ANO0/EI26/TxDA1/SI21/SDA21/(TKBO20)
Note 1/(INTP5)/(RxD0)/(SI00)/(SDA00)/(EXSDI0)
P27/ANI21/SEG34/ANO1/EI27/RxDA1/SO21/(TKBO21)Note 1/(INTP4)/(TxD0)/(SO00)/(EXSDI1)
P10/ANI22/SEG35/TxDA0/SCK11/SCL11/(TKBO10)Note 1/(INTP0)
P11/ANI23/SEG36/RxDA0/SI11/SDA11/(TKBO11)Note 1/(TRJIO1)Note 1/(INTP1)
P12/ANI24/SEG37/EI12/CLKA0/SO11/(TKBO00)/(TRJO1)
Note 1/(PCLBUZ1)
P13/ANI25/SEG38
P16/SEG41/SCK00/SCL00/EI16/(VCOUT0)/(TKBO01)/(RTC1HZ)
P17/SEG42/SI00/RxD0/TOOLRxD/SDA00/EI17/EO17/EXSDI1/(TKBO01)/(TRJIO0)
P00/SEG43/SO00/TxD0/TOOLTxD/EI00/EO00/EXSDI0/(TKBO01)/(TRJO0)
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com