| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7F100LLE3CFB bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7F100LLE3CFB bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp |
|
41 / 148 page ![]() RL78/L23 1. Outline R01DS0502EJ0110 Rev.1.10 Page 41 of 145 Oct 31, 2025 1.4 Pin Identification ANI0, ANI1, PCLBUZ0, PCLBUZ1: Programmable clock output/buzzer output ANI16 to ANI26: Analog input REGC: Regulator capacitance ANO0, ANO1: Analog output RESET: Reset AVREFM: Analog reference voltage minus RTC1HZ: Realtime clock correction clock (1 Hz) output AVREFP: Analog reference voltage plus RxD0 to RxD3, RxDA0, CCD00 to CCD07: Controlled current drive output RxDA1, RxDA2, RxDA3: Receive data CLKA0, CLKA1: Asynchronous serial clock output SCLA0, SCLA1, CAPH, CAPL: Capacitor for LCD SCK00, SCK01, SCK10, COM0 to COM7: LCD common output SCK11, SCK20, SCK21, EI00, EI06, EI07, EI12, SCK30, SCK31: Serial clock input/output EI16, EI17, EI20, EI21, SCL00, SCL01, SCL10, EI26, EI27, EI76, EI77, SCL11, SCL20, SCL21, EI121, EI122, EI137: Logic & event link controller input SCL30, SCL31: Serial clock output EO00, EO05, EO17, SDAA0, SDAA1, SDA00, EO60, EO61, EO76, SDA01, SDA10, SDA11, EO77: Logic & event link controller output SDA20, SDA21, SDA30, EVSS: Ground for port SDA31: Serial data input/output EXCLK: External clock input SEG0 to SEG55: LCD segment output (main system clock) SI00, SI01, SI10, SI11, EXCLKS: External clock input SI20, SI21, SI30, SI31: Serial data input (subsystem clock) SO00, SO01, SO10, EXSDI0, EXSDI1: External signal sampler input SO11, SO20, SO21, EXSDO0, EXSDO1: External signal sampler clock output SO30, SO31: Serial data output INTP0 to INTP7: Interrupt request from peripheral modules TSCAP: Touch sensor capacitance IVCMP0, IVCMP1: Comparator input TI00 to TI07: Timer input IVREF0, IVREF1: Comparator reference input TO00 to TO07: Timer output KR0 to KR7: Key return input TKBO00, TKBO01, TKBO10, P00 to P07: Port 0 TKBO11, TKBO20, TKBO21: Timer KB40, KB41, KB42 output P10 to P17: Port 1 TOOL0: Data input/output for tool P20 to P27: Port 2 TOOLRxD, TOOLTxD: Data input/output for external device P30 to P35: Port 3 TRJIO0, TRJIO1: Timer RJ input/output P40 to P47: Port 4 TS00 to TS35: Capacitive touch sensor P50 to P57: Port 5 TxD0 to TxD3, TxDA0, P60 to P67: Port 6 TxDA1, TxDA2, TxDA3: Transmit data P70 to P77: Port 7 VBAT0, VBAT1: Battery backup power supply P80 to P87: Port 8 VCOUT0, VCOUT1: Comparator output P90 to P97: Port 9 VDD: Power supply P121 to P127: Port 12 VL1 to VL4: LCD power supply P130, P137: Port 13 VSS:Ground P140 to P147: Port 14 X1, X2: Crystal oscillator (main system clock) XT1, XT2: Crystal oscillator (subsystem clock) REMOOUT: Remote control output |