công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLE3CFB bảng dữ liệu(PDF) 74 Page - Renesas Technology Corp

tên linh kiện R7F100LLE3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB bảng dữ liệu(HTML) 74 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 70Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 71Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 72Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 73Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 74Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 75Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 76Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 77Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 74 of 145
Oct 31, 2025
Note 1. This current flows into VDD.
Note 2. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, and high-speed system
clock are stopped.
Note 3. This current flows into the realtime clock (RTC). It does not include the operating current of the low-speed on-chip oscillator
or the XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of either IDD1 or IDD2, and IRTC, when the
realtime clock is operating or in the HALT mode. When the low-speed on-chip oscillator is selected, IFIL should be included in
the supply current. IDD2 in the subsystem clock operation mode includes the operating current of the realtime clock.
Note 4. This current only flows to the 32-bit interval timer. It does not include the operating current of the low-speed on-chip oscillator
or the XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of either IDD1 or IDD2, and IIT, when the 32-
bit interval timer is operating or in the HALT mode. When the low-speed on-chip oscillator is selected, IFIL should be included
in the supply current.
Note 5. This current only flows to the 8-bit interval timer. It does not include the operating current of the XT1 oscillator. The supply
current of the RL78 microcontrollers is the sum of either IDD1 or IDD2 and ITMT when the 8-bit interval timer is operating or in
the HALT mode. When the low-speed on-chip oscillator is selected, IFIL should be included in the supply current.
Note 6. This current only flows to the timer RJ. It does not include the operating current of the XT1 oscillator. The supply current of
the RL78 microcontrollers is the sum of either IDD1 or IDD2 and ITMRJ when the timer RJ is operating or in the HALT mode.
When the low-speed on-chip oscillator is selected, IFIL should be included in the supply current.
Note 7. This current only flows to the 16-bit timers KB40, KB41, and KB42. It does not include the operating current of the high-
speed on-chip oscillator. The supply current of the RL78 microcontrollers is the sum of either IDD1 or IDD2 and ITMKB when
the 16-bit timers KB40, KB41, and KB42 are operating or in the HALT mode. When the low-speed on-chip oscillator is
selected, IFIL should be included in the supply current.
Note 8. This current only flows to the external signal sampler. It does not include the operating current of the low-speed on-chip
oscillator, XT1 oscillator, or 8-bit interval timer. The supply current of the RL78 microcontrollers is the sum of either IDD1 or
IDD2 and IEXSD when the external signal sampler is operating or in the HALT mode. When the low-speed on-chip oscillator is
selected, IFIL should be included in the supply current.
Note 9. This current only flows to the watchdog timer. It includes the operating current of the low-speed on-chip oscillator. The supply
current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer is operating.
Note 10. This current only flows to the A/D converter. The supply current of the RL78 microcontrollers is the sum of IDD1 or IDD2 and
IADC when the A/D converter is operating or in the HALT mode.
Note 11. This current flows into AVREFP.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(3/3)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
LCD operating
current
ILCD1
Notes 1, 24,
25
External resistance
division method
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias, four time slices
VDD = 5.0 V
VL4 = 5.00 V
0.02
µA
ILCD2Note 1 Internal voltage
boosting method
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias, four time slices,
VL1 reference
VDD = 3.0 V
VL4 = 3.03 V
(VLCD4-0 = 04H)
0.74
µA
VDD = 5.0 V
VL4 = 5.01 V
(VLCD4-0 = 18H)
1.03
µA
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias, four time slices,
VL2 referenceNote 26
VDD = 3.0 V
VL4 = 3.03 V
(VLCD4-0 = 04H)
0.63
µA
VDD = 5.0 V
VL4 = 5.03 V
(VLCD4-0 = 18H)
0.83
µA
ILCD3Note 1 Capacitor split method
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias, four time slices,
VDD reference
VDD = 3.0 V
VL4 = 3.00 V
0.14
µA
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias, four time slices,
VL4 reference
VDD = 5.0 V
VL4 = 3.04 V
0.63
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com