công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLE3CFB bảng dữ liệu(PDF) 82 Page - Renesas Technology Corp

tên linh kiện R7F100LLE3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB bảng dữ liệu(HTML) 82 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 78Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 79Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 80Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 81Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 82Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 83Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 84Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 85Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 82 of 145
Oct 31, 2025
2.5
Characteristics of the Peripheral Functions
AC Timing Test Points
2.5.1
Serial array unit
1. In UART communications with devices operating at same voltage levels
Note 1.
The transfer rate in the SNOOZE mode is within the range from 4800 to 9600 bps.
Note 2.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are as follows.
Caution
Select the normal input buffer for the RxDq pin and the normal output mode for the TxDq pin by using port input
mode register (PIMg) and port output mode register (POMg).
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Transfer rate
Note 1
1.6 V ≤ VDD ≤ 5.5 V
fMCK/6
fMCK/6
fMCK/6
bps
Theoretical value of the
maximum transfer rate
fMCK = fCLKNote 2
5.3
4
0.33
Mbps
HS (high-speed main) mode : 32 MHz (1.8 V ≤ VDD ≤ 5.5 V)
4 MHz (1.6 V ≤ VDD ≤ 5.5 V)
LS (low-speed main) mode : 24 MHz (1.8 V ≤ VDD ≤ 5.5 V)
4 MHz (1.6 V ≤ VDD ≤ 5.5 V)
LP (low-power main) mode : 2 MHz (1.6 V ≤ VDD ≤ 5.5 V)
VIH/VOH
VIL/VOL
VIH/VOH
Test points
VIL/VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com