công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLE3CFB bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện R7F100LLE3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 38Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 39Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 40Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 41Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 42Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 43Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 44Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 45Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 42 of 145
Oct 31, 2025
1.5
Block Diagram
Remark
m: Unit number, n: Channel number, p: Simplified SPI (CSI) number, q: UART number, r: Simplified I2C number, xx: Port
number
Voltage regulator
REGC
Interrupt control
RAM
Power-on reset/
voltage detector
POR/LVD control
Reset control
UARTq
IICr
Timer array unit m
INTPn
CSIp
Key return
BCD correction
Serial interface IICAn
Buzzer output
Clock output control
PCLBUZn
RL78 CPU core
CRC
RxDq
TxDq
ANIn
AVREFP
SCLAn
SDAAn
RTC1HZ
RESET
KRn
Watchdog timer
Data transfer controller
CHn
Port x
Pxx
Serial array unit m
TImn
TOmn
SCKp
SIp
SOp
SCLr
SDAr
Code flash
memory
Data flash
memory
AVREFM
Logic and event
link controller
Clock generator and
reset generator
Middle-speed
on-chip
oscillator
1 to 4 MHz
High-speed
on-chip
oscillator
1 to 32 MHz
Subsystem
clock oscillator
32.768 kHz
X1
X2/EXCLK
XT1 XT2/EXCLKS
D/A converter
Comparator
ANOn
VOUTn
IVCMPn
IVREFn
Serial interface UARTAn
RxDAn
TxDAn
CLKAn
32-bit interval timer
SNOOZE mode
sequencer
Capacitive sensing unit
TSn
TSCAP
High-speed
system clock
oscillator
1 to 20 MHz
Multiplier, divider, and
multiply-accumulator
EOn
EIn
TOOL0
On-chip debugging
Safety function
Security function
Low-speed
on-chip
oscillator
32.768 kHz
Realtime clock
A/D converter
TOOLRxD/P17,
TOOLTxD/P00
VDD
VSS,
EVSS
8-bit interval timer m
CHmn
Timer KB4m/KB4m-OP
CHmn
TKBOmn
Timer RJ
CHn
TRJIOn
TRJOn
External signal sampler
EXSDIn
EXSDOn
LCD controller/driver
RAM space for
LCD data
SEGn
COMn
VL1 to VL4
CAPH
CAPL
Oscillation stop
detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com