công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLE3CFB bảng dữ liệu(PDF) 104 Page - Renesas Technology Corp

tên linh kiện R7F100LLE3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB bảng dữ liệu(HTML) 104 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 100Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 101Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 102Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 103Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 104Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 105Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 106Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 107Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 104 of 145
Oct 31, 2025
9. In simplified SPI (CSI) communications in the slave mode with devices operating at different voltage levels (1.8 V,
2.5 V, or 3 V) with the external SCKp clock
(Notes and Caution are listed on the next page, and Remarks are listed on page 106.)
(TA = -40 to +105°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
SCKp cycle
timeNote 1
tKCY2
4.0 V ≤ VDD ≤ 5.5 V,
2.7 V ≤ Vb ≤ 4.0 V
24 MHz < fMCK
14/fMCK
——
ns
20 MHz < fMCK ≤ 24 MHz 12/fMCK
12/fMCK
—ns
8 MHz < fMCK ≤ 20 MHz
10/fMCK
10/fMCK
—ns
4 MHz < fMCK ≤ 8 MHz
8/fMCK
8/fMCK
—ns
fMCK ≤ 4 MHz
6/fMCK
6/fMCK
10/fMCK
ns
2.7 V ≤ VDD < 4.0 V,
2.3 V ≤ Vb ≤ 2.7 V
24 MHz < fMCK
20/fMCK
——
ns
20 MHz < fMCK ≤ 24 MHz 16/fMCK
16/fMCK
—ns
16 MHz < fMCK ≤ 20 MHz 14/fMCK
14/fMCK
—ns
8 MHz < fMCK ≤ 16 MHz
12/fMCK
12/fMCK
—ns
4 MHz < fMCK ≤ 8 MHz
8/fMCK
8/fMCK
—ns
fMCK ≤ 4 MHz
6/fMCK
6/fMCK
10/fMCK
ns
1.8 V ≤ VDD < 3.3 V,
1.6 V ≤ Vb ≤ 2.0 V
Note 2
24 MHz < fMCK
48/fMCK
——
ns
20 MHz < fMCK ≤ 24 MHz 36/fMCK
36/fMCK
—ns
16 MHz < fMCK ≤ 20 MHz 32/fMCK
32/fMCK
—ns
8 MHz < fMCK ≤ 16 MHz
26/fMCK
26/fMCK
—ns
4 MHz < fMCK ≤ 8 MHz
16/fMCK
16/fMCK
—ns
fMCK ≤ 4 MHz
10/fMCK
10/fMCK
10/fMCK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com