công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAB bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 16Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 17Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 292 page
background image
Table 1.15
Pin functions (2 of 7)
Function
Signal
I/O
Description
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQn
Input
Maskable interrupt request pins
IRQn-DS
Input
Maskable interrupt request pins that can also be used in Deep Software Standby
mode
External bus
interface
EBCLK
Output Outputs the external bus clock for external devices
RD
Output Strobe signal indicating that reading from the external bus interface space is in
progress, active-low
WR
Output Strobe signal indicating that writing to the external bus interface space is in
progress, in 1-write strobe mode, active-low
WRn
Output Strobe signals indicating that either group of data bus pins (D07 to D00, D15 to
D08, D23 to D16 or D31 to D24) is valid in writing to the external bus interface
space, in byte strobe mode, active-low
BCn
Output Strobe signals indicating that either group of data bus pins (D07 to D00, D15 to
D08, D23 to D16 or D31 to D24) is valid in access to the external bus interface
space, in 1-write strobe mode, active-low
ALE
Output Address latch signal when address/data multiplexed bus is selected
WAIT
Input
Input pin for wait request signals in access to the external space, active-low
CSn
Output Select signals for CS areas, active-low
A00 to A23
Output Address bus
D00 to D31
I/O
Data bus
A00/D00 to A15/D15
I/O
Address/data multiplexed bus
SDRAM interface
SDCLK
Output Outputs the SDRAM-dedicated clock
CKE
Output SDRAM clock enable signal
SDCS
Output SDRAM chip select signal, active low
RAS
Output SDRAM low address strobe signal, active low
CAS
Output SDRAM column address strobe signal, active low
WE
Output SDRAM write enable signal, active low
DQMn
Output SDRAM I/O data mask enable signal for DQ07 to DQ00, DQ15 to DQ08, DQ23 to
DQ16 or DQ31 to DQ24
A00 to A16
Output Address bus
DQ00 to DQ31
I/O
Data bus
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 14 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com