công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAB bảng dữ liệu(PDF) 77 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB bảng dữ liệu(HTML) 77 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 73Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 74Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 75Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 76Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 77Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 78Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 79Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 80Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 292 page
background image
Table 2.34
Coremark and normal mode current, CPU0 active, CPU1 Deep Sleep. (DCDC mode and External VDD
mode)
Parameter
Symbol Typ
Max
Unit Test conditions
95
°C
105
°C
Supply
current*1*2
CPUCLK0 =
1 GHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
IDD
151
—
—
μA/
MH
z
CPU1 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK1 = 250 MHz,
MRICLK = 250 MHz, MRPCLK
= 15.6 MHz, ICLK = 250 MHz,
PCLKA = 15.6 MHz, PCLKB =
15.6 MHz, PCLKC = 15.6 MHz,
PCLKD = 15.6 MHz, PCLKE =
15.6 MHz, BCLK = 15.6 MHz
Cache off, executing
from ITCM
143
—
—
Cache off, executing
from SRAM
92
—
—
Cache off, executing
from MRAM
104
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
118
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
121
—
—
CPUCLK0 =
800 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
157
—
—
μA/
MH
z
CPU1 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK1 = 200 MHz,
MRICLK = 200 MHz, MRPCLK
= 12.5 MHz, ICLK = 200 MHz,
PCLKA = 12.5 MHz, PCLKB =
12.5 MHz, PCLKC = 12.5 MHz,
PCLKD = 12.5 MHz, PCLKE =
12.5 MHz, BCLK = 12.5 MHz
Cache off, executing
from ITCM
149
—
—
Cache off, executing
from SRAM
98
—
—
Cache off, executing
from MRAM
111
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
124
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
127
—
—
CPUCLK0 =
600 MHz
VSCR_2
VCL =
voltage
range 2
Coremark
Cache on
164
—
—
μA/
MH
z
CPU1 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK1 = 150 MHz,
MRICLK = 150 MHz, MRPCLK
= 9.4 MHz, ICLK = 150 MHz,
PCLKA = 9.4 MHz, PCLKB =
9.4 MHz, PCLKC = 9.4 MHz,
PCLKD = 9.4 MHz, PCLKE =
9.4 MHz, BCLK = 9.4 MHz
Cache off, executing
from ITCM
156
—
—
Cache off, executing
from SRAM
106
—
—
Cache off, executing
from MRAM
119
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
131
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
135
—
—
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 77 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com