công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAB bảng dữ liệu(PDF) 98 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB bảng dữ liệu(HTML) 98 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 94Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 95Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 96Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 97Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 98Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 99Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 100Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 101Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 292 page
background image
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Table 2.40
VCC rise and fall gradient characteristics at power on/off
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
VCC rising gradient at power on*1
SrVCC
0.0084 —
20
ms/V
—
VCC falling gradient
at power off
VBATT function is disabled*1
SfVCC1
0.0084 —
—
ms/V
—
VBATT function is enabled.
SfVCC2
1.0000 —
—
—
Note 1. In case the VCC voltage crosses VPOR1
Table 2.41
VCC ripple frequency and gradient characteristics during operation
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.63 V) and lower limit
(1.62 V). When the VCC change exceeds VCC ±10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
—
—
10
kHz
Figure 2.23
Vr(VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 2.23
Vr(VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 2.23
Vr(VCC) ≤ VCC × 0.06
Allowable voltage change
rising and falling gradient
dt/dVCC*1
1.0
—
—
ms/V
When VCC change exceeds
VCC ±10%
Note 1. In case the VCC voltage does not cross VPOR1.
Vr(VCC)
VCC
1 / fr(VCC)
Figure 2.23
Ripple waveform
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 98 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com