công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2AFDCAB bảng dữ liệu(PDF) 62 Page - Renesas Technology Corp

tên linh kiện R7KA8D2AFDCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB bảng dữ liệu(HTML) 62 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 58Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 59Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 60Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 61Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 62Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 63Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 64Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 65Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 292 page
background image
Table 2.11
Current of high-speed mode, maximum condition (MVE and peripheral operation), CPU0 active, CPU1
Deep Sleep (External VDD mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current*1
*2*4
—
ICC
3.85
6.27
6.69
mA
—
CPUCLK
0 = 1
GHz
CPUCLK
1 = 250
MHz
VCL =
voltage
range 1
IDD *3
447
889
—
mA
MRICLK = 250 MHz, MRPCLK = 125 MHz, ICLK =
250 MHz, BCLK = 125 MHz, PCLKA = 125 MHz,
PCLKB = 62.5 MHz, PCLKC = 125 MHz, PCLKD =
250MHz, PCLKE = 250 MHz
CPU1 = Deep Sleep
CPUCLK
0 = 800
MHz
CPUCLK
1 = 200
MHz
VCL =
voltage
range 1
IDD *3
376
—
933
mA
MRICLK = 200 MHz, MRPCLK = 100 MHz, ICLK =
200 MHz, BCLK = 100 MHz, PCLKA = 100 MHz,
PCLKB = 50 MHz, PCLKC = 100 MHz, PCLKD = 200
MHz, PCLKE = 200 MHz
CPU1 = Deep Sleep
CPUCLK
0 = 600
MHz
CPUCLK
1 = 150
MHz
VCL =
voltage
range 2
IDD *3
300
750
823
mA
MRICLK = 150 MHz, MRPCLK = 75 MHz, ICLK = 150
MHz, BCLK = 75 MHz, PCLKA = 75 MHz, PCLKB =
37.5 MHz, PCLKC = 75 MHz, PCLKD = 150 MHz,
PCLKE = 150 MHz
CPU1 = Deep Sleep
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows.
IDD Typ. = 0.25 × fCPUCLK0 + 0.74 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 95℃) = 0.22 × fCPUCLK0 + 0.96 × fICLK + 487 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 105℃) = 0.22 × fCPUCLK0 + 0.96 × fICLK + 565 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 95℃) = 0.22 × fCPUCLK0 + 0.97 × fICLK + 474 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 105℃) = 0.22 × fCPUCLK0 + 0.97 × fICLK + 549 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 4. The power consumption is calculated as Power = VCC × Icc + VCL x IDD.
Table 2.12
Current of high-speed mode, maximum data processing (MVE operation), peripheral clock ON (DCDC
mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current
*1*2
CPUCLK0 = 1
GHz
CPUCLK1 = 250
MHz
VSCR_1
ICC_DCDC*4
142
331
—
mA
VCC_DCDC = 3.3 V*5
IDD*3
363
850
—
CPUCLK0 = 800
MHz
CPUCLK1 = 200
MHz
VSCR_1
ICC_DCDC*4
117
—
349
IDD*3
301
—
897
CPUCLK0 = 600
MHz
CPUCLK1 = 150
MHz
VSCR_2
ICC_DCDC*4
89
271
313
IDD*3
234
709
819
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 62 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com