| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV2000 bảng dữ liệu(PDF) 7 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 bảng dữ liệu(HTML) 7 Page - ams-OSRAM AG |
|
7 / 87 page ![]() CMV2000 Ordering information Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 7 / 87 / Table 1: Differences between versions Topic Version2 Version3 PGA Additional gain steps Horizontal line effect There shall not be a line read out when exposure starts Horizontal line effect can be avoided by inserting dummy lines at the moment the exposure of the next frame is started. Black sun effect Avoiding effect with reduction of the brightness of light falling on the sensor Actively removing effect Electrical black columns Enable by setting the appropriate SPI register for reducing the row noise. Register settings The registers addresses and contents are different from version to version. See chapter 8 “Register Description”. Version 3 has different recommended register settings than version 2. Integration in single shot mode Improved integration single shot mode to reduce horizontal line artifact. PRNU pattern The pattern will only be visible in grey images starting from around 150DN. Correction can be done with applying a gain correction to each column, which compensates the FPN. Column patterns in the non-linear part of the response curve This can be solved by increasing gain to clip the response in its linear part. But setting it too high can cause a drop in saturation value and full well capacity. |