| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV2000 bảng dữ liệu(PDF) 58 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 bảng dữ liệu(HTML) 58 Page - ams-OSRAM AG |
|
58 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 58 / 87 / Register name Register address Default value Description of the value Number_lines8 33[7:0] 34[7:0] 0 Defines the number of lines of the eighth window (min=1, max=1088) Figure 51: Example of 4 multiple frames read-out 7.4.4 Image flipping The image coming out of the image sensor can be flipped in X (per channel) and/or Y direction. When no flipping is enabled, the pixel in the upper left corner of the screen - (pixel (0,0) - is read out first. When flipping in Y is enabled, the bottom left pixel (0,1087) is read out first instead of the top left pixel (0,0). When flipping in X is enabled, only the pixels within a channel are mirrored, not the channels themselves. Therefore, the first row in channel 1 to be read out is pixel (1023,0) to pixel (0,0). In channel 2, this is pixel (2047,0) to pixel (1024,0). 2048 Number_lines1 start1 Number_lines2 start2 Number_lines3 start3 Number_lines4 start4 Number_lines = Number_lines1 + Number_lines2 + Number_lines3 + Number_lines4 |