| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMV2000 bảng dữ liệu(PDF) 59 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 bảng dữ liệu(HTML) 59 Page - ams-OSRAM AG |
|
59 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 59 / 87 / Figure 52: Image flipping The following registers are involved in image flipping: Table 20: Image flipping register settings Register name Register address Default value Description of the value Image_flipping 40[1:0] 0 0: No image flipping 1: Image flipping in X 2: Image flipping in Y 3: Image flipping in X and Y 7.4.5 Image subsampling To maintain the same field of view but reduce the amount of data coming out of the sensor, a subsampling mode is implemented on the chip. Different subsampling schemes can be programmed by setting the appropriate registers. These subsampling schemes can take into account whether a color or monochrome sensor is used to preserve the Bayer pattern information. A distinction is made between a simple and advanced mode (can be used for color devices). Subsampling can be enabled in every windowing mode. The following paragraphs describe the registers involved in subsampling in detail. 2048x1088 2048x1088 Pixel (0,0) Pixel (2047,1087) 2048x1088 Pixel (0,0) Pixel (2047,1087) Image flipping in Y CH1 (1024x1088) Pixel (0,0) Pixel (1023,1087) CH2 (1024x1088) Pixel (1024,0) Pixel (2047,1087) CH1 (1024x1088) Pixel (0,0) Pixel (1023,1087) CH2 (1024x1088) Pixel (1024,0) Pixel (2047,1087) Image flipping in X Using 2 output channels Pixel (0,1087) Pixel (2047,0) 2048x1088 Pixel (0,0) Pixel (2047,1087) Image flipping in Y CH1 (1024x1088) Pixel (0,0) Pixel (1023,1087) CH2 (1024x1088) Pixel (1024,0) Pixel (2047,1087) CH1 (1024x1088) Pixel (1023,0) Pixel (0,1087) CH2 (1024x1088) Pixel (2047,0) Pixel (1024,1087) Image flipping in X Using 2 output channels Pixel (0,1087) Pixel (2047,0) Pixel (0,0) Pixel (2047,0) Pixel (0,1087) Pixel (1023,0) Pixel (1024,1087) Pixel (2047,1087) Pixel (1024,0) Pixel (2047,1087) Pixel (0,0) Pixel (1023,1087) |