| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7FA6T2AB3CFM bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA6T2AB3CFM bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp |
|
95 / 101 page ![]() Table A3.2 Access cycles (2 of 3) Peripherals Address Number of access cycles ICLK = PCLK ICLK > PCLK*1 Cycle Unit Related function From To Read Write Read Write TFU 0x4002_1000 0x4002_1FFF 4 3 4 3 ICLK Trigonometric Function Unit ELC 0x4008_2000 0x4008_2FFF 5 4 3 to 5 2 to 4 PCLKB Event Link Controller IWDT, WDT, CAC 0x4008_3000 0x4008_3FFF 5 4 3 to 5 2 to 4 PCLKB Independent Watchdog Timer, Watchdog Timer, Clock Frequency Accuracy Measurement Circuit MSTP 0x4008_4000 0x4008_4FFF 5 4 2 to 4 2 to 4 PCLKB Module Stop Control KINT 0x4008_5000 0x4008_5FFF 4 3 1 to 4 1 to 3 PCLKB Key Interrupt Function POEG 0x4008_A000 0x4008_AFFF 5 4 3 to 5 2 to 4 PCLKB Port Output Enable for GPT CANFD 0x400B_0000 0x400C_1FFF 5 4 2 to 5 2 to 4 PCLKB CANFD Module PSCU 0x400E_0000 0x400E_0FFF 5 4 2 to 5 2 to 4 PCLKB Peripheral Security Control Unit AGTn 0x400E_8000 0x400E_8FFF 7 4 4 to 7 2 to 4 PCLKB Low Power Asynchronous General Purpose Timer n TSN 0x400F_3000 0x400F_3FFF 5 4 2 to 5 2 to 4 PCLKB Temperature Sensor ACMPHSn 0x400F_4000 0x400F_4FFF 4 3 1 to 3 1 to 3 PCLKB High-Speed Analog Comparator CRC, DOC 0x4010_8000 0x4010_9FFF 5 4 2 to 5 2 to 4 PCLKA Cyclic Redundancy Check, Data Operation Circuit SCIn 0x4011_8000 0x4011_8FFF 5 4 2 to 4 2 to 4 PCLKA Serial Communication Interface n SPIn 0x4011_A000 0x4011_AFFF 5 4 2 to 5 2 to 4 PCLKA Serial Peripheral Interface n IICn 0x4011_F000 0x4011_FFFF 5 4 2 to 4 2 to 4 PCLKA Inter-Integrated Circuit n CANFD ECC 0x4012_F200 0x4012_FFFF 5 4 2 to 5 2 to 4 PCLKA CANFD ECC Module SCE5 0x4016_1000 0x4016_1FFF 6 4 3 to 6 2 to 4 PCLKA Secure Cryptographic Engine GPT32n, GPT_OPS (core clock = PCLKD) 0x4016_9000 0x4016_9FFF 8 5 5 to 8 3 to 5 PCLKA General PWM Timer n, Output Phase Switching Controller GPT32n, GPT_OPS (core clock = GPTCLK) 0x4016_9000 0x4016_9FFF 10 7 7 to 10 5 to 7 PCLKA General PWM Timer n, Output Phase Switching Controller GPT (GTCKCR) 0x4016_9B00 0x4016_9B00 5 4 2 to 4 2 to 4 PCLKA GPT Clock Control Register PDG 0x4016_A000 0x4016_AFFF 4 3 1 to 3 1 to 3 PCLKA PWM Delay Generation ADC 0x4017_0000 0x4017_0FFF 5 4 2 to 5 2 to 4 PCLKA A/D Converter ADC 0x4017_1000 0x4017_1FFF 4 3 1 to 3 1 to 3 PCLKA A/D Converter DAC12n 0x4017_2000 0x4017_2FFF 5 4 2 to 4 2 to 4 PCLKA 12-bit D/A Converter RA6T2 Datasheet Appendix 3. I/O Registers R01DS0400EJ0150 Rev.1.50 Jul 2, 2025 Page 95 of 101 |