công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB09XE bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện STM32WB09XE
Giải thích chi tiết về linh kiện  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 22Page - STMicroelectronics STM32WB09XE Datasheet HTML 23Page - STMicroelectronics STM32WB09XE Datasheet HTML 24Page - STMicroelectronics STM32WB09XE Datasheet HTML 25Page - STMicroelectronics STM32WB09XE Datasheet HTML 26Page - STMicroelectronics STM32WB09XE Datasheet HTML 27Page - STMicroelectronics STM32WB09XE Datasheet HTML 28Page - STMicroelectronics STM32WB09XE Datasheet HTML 29Page - STMicroelectronics STM32WB09XE Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Figure 8. WLCSP36 ballout
A
B
C
D
E
F
G
H
J
K
L
M
N
B1
VDDSD
D1
VLXSD
F1
PB14
J1
VSSSX
L1
OSCIN
N1
OSCOU
T
M2
VDDRF
A2
VSSSD
G2
PB15
A4
VDDA
VCAP
C4
PB6
E4
PB7
K4
VSS
IFADC
M4
VSS
FTRX
B5
RSTN
D5
PB2
F5
PB4
H5
PB5
N5
RF1
L5
PA10
A6
VDD2
C6
PB3
E6
PB1
G6
PA3
K6
PA9
M6
PA11
B7
VSSA
D7
PB0
F7
PA2
L7
PA0
N7
PA8
J7
PA1
J3
VSSIO
B3
VFBSD
D3
PB12
F3
PB13
7
4
3
2
1
6
5
1. The above figure shows the package top view.
STM32WB09xE
Pinout, pin description and
alternate functions
DS14210 - Rev 6
page 26/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73