công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB09XE bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện STM32WB09XE
Giải thích chi tiết về linh kiện  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 20Page - STMicroelectronics STM32WB09XE Datasheet HTML 21Page - STMicroelectronics STM32WB09XE Datasheet HTML 22Page - STMicroelectronics STM32WB09XE Datasheet HTML 23Page - STMicroelectronics STM32WB09XE Datasheet HTML 24Page - STMicroelectronics STM32WB09XE Datasheet HTML 25Page - STMicroelectronics STM32WB09XE Datasheet HTML 26Page - STMicroelectronics STM32WB09XE Datasheet HTML 27Page - STMicroelectronics STM32WB09XE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
3.27
Direction finding
The STM3WB09xE Bluetooth® radio controller supports the angle of arrival (AoA) and angle of departure (AoD)
features by managing:
•
the constant tone extension (CTE) inside a packet
•
the antenna switching mechanism for both AoA and AoD.
The antenna switching mechanism provides a 7-bit antenna identifier RADIO_ANTENNA_ID[6:0] indicating the
antenna number to be used.
In a AoD transmitter or in a AoA receiver, the radio needs to switch antenna during the CTE field of the packet.
For this purpose, the RADIO_ANTENNA_ID signal can be enabled on some I/Os, by programming them in the
associated alternate function. This signal needs to be provided to an external antenna switching circuit, since
RADIO_ANTENNA_ID[0] is the least significant bit and RADIO_ANTENNA _ID[6] the most significant bit of the
antenna identifier to be used.
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 24/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73