| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FD bảng dữ liệu(PDF) 114 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FD bảng dữ liệu(HTML) 114 Page - ABB |
|
114 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA mm in 13,5 0,53 22,5 11 0,89 20 0,79 40 1,57 6 0,24 OT1000-1250E_ 50 1,97 306 12,05 OT1600E_ 372 14,65 0,43 3,27 83 122 4,80 82 3,23 116 4,57 206 8,11 189 7,44 A 50 1,97 M8 5/16 *) *) B 223,2 122 B1 8,79 4,80 176 135 C1 5,31 6,93 232 107 A1 4,21 9,13 176 55 C1 2,17 6,93 223,2 B1 8,79 1,65 42 232 27 A1 1,06 9,13 42 1,65 82 3,23 116 4,57 206 8,11 109 4,29 A B M8 5/16 50 1,97 *) *) *) N3 types 50 1,97 62,5 2,46 15 0,59 14 0,55 12 0,47 22 0,87 127 178 108 8 min 20 min 0,79 166,5 / 105 6,56 / 4,13 6 0,24 5 167 6,57 7,01 4,25 0,31 8 0,31 *) 167 6,57 251...380 (OXP12x280) 9,84...14,96 131,5 5,18 54 80 70 274 10,79 2,13 2,76 3,15 OT1000/1250/1600E_ [mm/in] 01 02 03 04 11 12 13 22 03W4 04W4 03W8 04W8 A 174,50/6,87 254,50/10,02 334,50/13,17 414,50/16,32 254,50/10,02 334,50/13,17 414,50/16,32 414,50/16,32 454,50/17,89 594,50/23,41 544,50/21,44 729,50/28,72 B 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 140/5,51 140/5,51 185/7,28 185/7,28 A1 134/5,28 214/8,43 294/11,57 374/14,72 214/8,43 294/11,57 374/14,72 374/14,72 414/16,30 554/21,81 504/19,84 689/27,13 B1 164/6,46 244/9,61 324/12,76 404/15,91 244/9,61 324/12,76 404/15,91 404/15,91 444/17,48 584/22,99 534/21,02 719/28,31 C1 190/7,48 270/10,63 350/13,78 430/16,93 270/10,63 350/13,78 430/16,93 430/16,93 470/18,50 610/24,02 560/22,05 745/29,33 M00135/OT800U-1600E G OT800U_P and OT1200U_P Main dimensions mm, inches OT800/1200 U_P [mm/in] 01 02 03 04 11 12 13 22 A 174,50/6,87 254,50/10,02 334,50/13,17 414,50/16,32 254,50/10,02 334,50/13,17 414,50/16,32 414,50/16,32 B 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 A1 134/5,28 214/8,43 294/11,57 374/14,72 214/8,43 294/11,57 374/14,72 374/14,72 B1 164/6,46 244/9,61 324/12,76 404/15,91 244/9,61 324/12,76 404/15,91 404/15,91 C1 190/7,48 270/10,63 350/13,78 430/16,93 270/10,63 350/13,78 430/16,93 430/16,93 M00135/OT800U-1600E G mm in 13,5 0,53 22,5 11 0,89 20 0,79 40 1,57 6 0,24 OT1000-1250E_ 50 1,97 306 12,05 OT1600E_ 372 14,65 0,43 3,27 83 122 4,80 82 3,23 116 4,57 206 8,11 189 7,44 A 50 1,97 M8 5/16 *) *) B 223,2 122 B1 8,79 4,80 176 135 C1 5,31 6,93 232 107 A1 4,21 9,13 176 55 C1 2,17 6,93 223,2 B1 8,79 1,65 42 232 27 A1 1,06 9,13 42 1,65 82 3,23 116 4,57 206 8,11 109 4,29 A B M8 5/16 50 1,97 *) *) *) N3 types 50 1,97 62,5 2,46 15 0,59 14 0,55 12 0,47 22 0,87 127 178 108 8 min 20 min 0,79 166,5 / 105 6,56 / 4,13 6 0,24 5 167 6,57 7,01 4,25 0,31 8 0,31 *) 167 6,57 251...380 (OXP12x280) 9,84...14,96 131,5 5,18 54 80 70 274 10,79 2,13 2,76 3,15 OT1000/1250/1600E_ [mm/in] 01 02 03 04 11 12 13 22 03W4 04W4 03W8 04W8 A 174,50/6,87 254,50/10,02 334,50/13,17 414,50/16,32 254,50/10,02 334,50/13,17 414,50/16,32 414,50/16,32 454,50/17,89 594,50/23,41 544,50/21,44 729,50/28,72 B 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 140/5,51 140/5,51 185/7,28 185/7,28 A1 134/5,28 214/8,43 294/11,57 374/14,72 214/8,43 294/11,57 374/14,72 374/14,72 414/16,30 554/21,81 504/19,84 689/27,13 B1 164/6,46 244/9,61 324/12,76 404/15,91 244/9,61 324/12,76 404/15,91 404/15,91 444/17,48 584/22,99 534/21,02 719/28,31 C1 190/7,48 270/10,63 350/13,78 430/16,93 270/10,63 350/13,78 430/16,93 430/16,93 470/18,50 610/24,02 560/22,05 745/29,33 M00135/OT800U-1600E G mm in 13,5 0,53 22,5 11 0,89 20 0,79 40 1,57 6 0,24 OT1000-1250E_ 50 1,97 306 12,05 OT1600E_ 372 14,65 0,43 3,27 83 122 4,80 82 3,23 116 4,57 206 8,11 189 7,44 A 50 1,97 M8 5/16 *) *) B 223,2 122 B1 8,79 4,80 176 135 C1 5,31 6,93 232 107 A1 4,21 9,13 176 55 C1 2,17 6,93 223,2 B1 8,79 1,65 42 232 27 A1 1,06 9,13 42 1,65 82 3,23 116 4,57 206 8,11 109 4,29 A B M8 5/16 50 1,97 *) *) *) N3 types 50 1,97 62,5 2,46 15 0,59 14 0,55 12 0,47 22 0,87 127 178 108 8 min 20 min 0,79 166,5 / 105 6,56 / 4,13 6 0,24 5 167 6,57 7,01 4,25 0,31 8 0,31 *) 167 6,57 251...380 (OXP12x280) 9,84...14,96 131,5 5,18 54 80 70 274 10,79 2,13 2,76 3,15 OT1000/1250/1600E_ [mm/in] 01 02 03 04 11 12 13 22 03W4 04W4 03W8 04W8 A 174,50/6,87 254,50/10,02 334,50/13,17 414,50/16,32 254,50/10,02 334,50/13,17 414,50/16,32 414,50/16,32 454,50/17,89 594,50/23,41 544,50/21,44 729,50/28,72 B 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 80/3,15 140/5,51 140/5,51 185/7,28 185/7,28 A1 134/5,28 214/8,43 294/11,57 374/14,72 214/8,43 294/11,57 374/14,72 374/14,72 414/16,30 554/21,81 504/19,84 689/27,13 B1 164/6,46 244/9,61 324/12,76 404/15,91 244/9,61 324/12,76 404/15,91 404/15,91 444/17,48 584/22,99 534/21,02 719/28,31 C1 190/7,48 270/10,63 350/13,78 430/16,93 270/10,63 350/13,78 430/16,93 430/16,93 470/18,50 610/24,02 560/22,05 745/29,33 M00135/OT800U-1600E G 114 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 114 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |