| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FD bảng dữ liệu(PDF) 43 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FD bảng dữ liệu(HTML) 43 Page - ABB |
|
43 / 192 page ![]() — Accessories for manual switch-disconnectors OT16...160 Dimensional drawings for handles — Handles for base and DIN-rail mounted switches OH_S1A_, OH_S3A_ OH_S2A_ I ON 25 0.98 48/1.89 Ø40 1.57 31,5 1.24 6,5/0.26 15 0.59 M22x1/ M0.87x0.04 3 0.12 24,5 0.96 22,5 0.89 mm in I ON 34/1.34 65/2.56 41,5 1.63 10 0.39 14/0.55 Ø40 1.57 M22x1/ M0.87x0.04 3 0.12 24,5 0.96 22,5 0.89 19 0.75 mm in OH_ Handle type Length mm/in OH_S1A_ 31.5/1.24 OH_S3A_ 37.5/1.48 — Handles for door mounted switches (screw-mounting) OH_S2R_ OH_S1R_, OH_S3R_ 19 0.75 I ON 34/1.34 65/2.56 Ø13,5 0.53 41,5 1.63 10 0.39 9,5 0.37 36/1.42 36 1.42 48/1.89 48 1.89 Ø4/0.16 Ø4/0.16 I ON 25/0.98 48/1.89 Ø13,5 0.53 31,5 1.24 6,5 0.26 10 0.39 36/1.42 36 1.42 Ø4/0.16 mm in OH_ Handle type Length mm/in OH_S1P_ 31.5/1.24 OH_S3P_ 37.5/1.48 — Handles for door mounted switches (snap-on mounting) OH_S1P_, OH_S3P_ OH_S2P_ OH_ Handle type Length mm/in OH_S1P_ 31.5/1.24 OH_S3P_ 37.5/1.48 19 0.75 I ON 34/1.34 65/2.56 41,5 1.63 10 0.39 25,5/1.00 Ø40 1.57 M22x1/ M0.87x0.04 3 0.12 24,5 0.96 22,5 0.89 mm in I ON 25/0.98 48/1.89 Ø40 1.57 31,5 1.24 6,5 0.26 26/1.02 M22x1/ M0.87x0.04 3 0.12 24,5 0.96 22,5 0.89 mm in Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 43 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 43 |