công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL80FD bảng dữ liệu(PDF) 77 Page - ABB

tên linh kiện OTPL80FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL80FD bảng dữ liệu(HTML) 77 Page - ABB

Back Button OTPL80FD Datasheet HTML 73Page - ABB OTPL80FD Datasheet HTML 74Page - ABB OTPL80FD Datasheet HTML 75Page - ABB OTPL80FD Datasheet HTML 76Page - ABB OTPL80FD Datasheet HTML 77Page - ABB OTPL80FD Datasheet HTML 78Page - ABB OTPL80FD Datasheet HTML 79Page - ABB OTPL80FD Datasheet HTML 80Page - ABB OTPL80FD Datasheet HTML 81Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
—
Front operated switch-disconnectors OT160...800, base mounting, IEC
Including a black Test-OFF-ON plastic direct mount handle and shaft as standard.
The handle is padlockable in the OFF-position.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
200
200/160
OT160EV03K
1SCA120513R1001
1.5
4
200
200/160
OT160EV04K
1SCA120520R1001
1.9
3
200
200/200
OT200E03K
1SCA022763R4820
1.5
4
200
200/200
OT200E04K
1SCA022763R4910
1.9
3
250
250/250
OT250E03K
1SCA022763R5040
1.5
4
250
250/250
OT250E04K
1SCA022763R5210
1.9
3
315
315/315
OT315E03K
1SCA022763R5630
2.9
4
315
315/315
OT315E04K
1SCA022763R5710
3.5
3
400
400/400
OT400E03K
1SCA022763R5390
2.9
4
400
400/400
OT400E04K
1SCA022763R5550
3.5
3
630
630/630
OT630E03K
1SCA022779R4940
6.3
4
630
630/630
OT630E04K
1SCA022779R5080
7.5
3
800
800/800
OT800E03K
1SCA022779R5160
6.3
4
800
800/800
OT800E04K
1SCA022779R5240
7.5
—
Direct mount handles and terminal bolt kits included as standard
Suitable for switches
Handle
Terminal bolt kit
OT160EV…250_K
OTV250EK
M8x25
OT315…400_K
OTV400EK
M10x30
OT630…800_K
OTV800EK
M12x40
OT160EV03K
OT200...250E03K
OT315...400E03K
OT630...800E03K
OT630...800E04K
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
77
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More