công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL80FD bảng dữ liệu(PDF) 7 Page - ABB

tên linh kiện OTPL80FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL80FD bảng dữ liệu(HTML) 7 Page - ABB

Back Button OTPL80FD Datasheet HTML 3Page - ABB OTPL80FD Datasheet HTML 4Page - ABB OTPL80FD Datasheet HTML 5Page - ABB OTPL80FD Datasheet HTML 6Page - ABB OTPL80FD Datasheet HTML 7Page - ABB OTPL80FD Datasheet HTML 8Page - ABB OTPL80FD Datasheet HTML 9Page - ABB OTPL80FD Datasheet HTML 10Page - ABB OTPL80FD Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
Whether it is for demanding motor load disconnecting or simple isolation
applications, we offer a market-leading product portfolio of switch-disconnectors
ranging from 16 to 4000 Amperes.
Thanks to their modular structure, our switches can serve both manual and motorized applications. These devices also help
create purpose-built solutions from directly busbar mountable wide phase models to floor mounted earthing switches. All this
with the highest level of performance and reliability.
—
ABB switch-disconnectors are suited for a wide
variety of demanding applications.
Typical switch-disconnector applications:
Switching of mixed loads for basically
any application:
•
Control panels
•
Low-voltage switchgears
•
Low-voltage substations
Motor disconnecting in various
applications:
•
Machine builders
•
Motor control centers
•
HVAC, pumps and conveyors
Heavy industries:
• Pulp & Paper
• Food & Beverage
• Refining & petrochemicals
Power generation and renewables:
• Wind turbines
• Solar plants
• Generating sets
• Power plants
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
7
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More