công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL80FD bảng dữ liệu(PDF) 23 Page - ABB

tên linh kiện OTPL80FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL80FD bảng dữ liệu(HTML) 23 Page - ABB

Back Button OTPL80FD Datasheet HTML 19Page - ABB OTPL80FD Datasheet HTML 20Page - ABB OTPL80FD Datasheet HTML 21Page - ABB OTPL80FD Datasheet HTML 22Page - ABB OTPL80FD Datasheet HTML 23Page - ABB OTPL80FD Datasheet HTML 24Page - ABB OTPL80FD Datasheet HTML 25Page - ABB OTPL80FD Datasheet HTML 26Page - ABB OTPL80FD Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
—
Front operated 6- and 8-pole switch-disconnectors, base and DIN-rail mounting, IEC
Including protected terminal clamps, IP20. Handle and shaft are not included.
Number
of poles
Open air
thermal
current Ith
Copper
cable cross
section
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
mm²
A/A
kg
6
25
0.75...10
16/16
OT16F6
1SCA104834R1001
0.25
6
32
0.75...10
25/20
OT25F6
1SCA104880R1001
0.25
6
40
0.75...10
40/23
OT40F6
1SCA104936R1001
0.25
6
63
1.5...35
63/63
OT63F6
1SCA105379R1001
0.61
6
80
1.5...35
80/75
OT80F6
1SCA105427R1001
0.61
6
115
10...70
100/80
OT100F6
1SCA105021R1001
0.81
6
125
10...70
125/90
OT125F6
1SCA105057R1001
0.81
8
25
0.75...10
16/16
OT16F8
1SCA104836R1001
0.31
8
32
0.75...10
25/20
OT25F8
1SCA104882R1001
0.31
8
40
0.75...10
40/23
OT40F8
1SCA104938R1001
0.31
8
63
1.5...35
63/63
OT63F8
1SCA105381R1001
0.67
8
80
1.5...35
80/75
OT80F8
1SCA105429R1001
0.67
8
115
10...70
100/80
OT100F8
1SCA105022R1001
1.10
8
125
10...70
125/90
OT125F8
1SCA105059R1001
1.10
—
Front operated switch-disconnectors, door mounting, IEC
Including protected terminal clamps, IP20. Handle and shaft are not included.
Number
of poles
Open air
thermal
current Ith
Copper
cable cross
section
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
mm²
A/A
kg
3
25
0.75...10
16/16
OT16FT3
1SCA104838R1001
0.13
4
25
0.75...10
16/16
OT16FT4N2
1SCA105711R1001
0.16
3
32
0.75...10
25/20
OT25FT3
1SCA104884R1001
0.13
4
32
0.75...10
25/20
OT25FT4N2
1SCA104900R1001
0.16
3
40
0.75...10
40/23
OT40FT3
1SCA104940R1001
0.13
4
40
0.75...10
40/23
OT40FT4N2
1SCA104956R1001
0.16
3
63
1.5...35
63/63
OT63FT3
1SCA105382R1001
0.28
4
63
1.5...35
63/63
OT63FT4N2
1SCA105393R1001
0.35
3
80
1.5...35
80/75
OT80FT3
1SCA105431R1001
0.28
4
80
1.5...35
80/75
OT80FT4N2
1SCA105499R1001
0.35
3
115
10...70
100/80
OT100FT3
1SCA105023R1001
0.40
4
115
10...70
100/80
OT100FT4N2
1SCA105031R1001
0.54
3
125
10...70
125/90
OT125FT3
1SCA105060R1001
0.40
4
125
10...70
125/90
OT125FT4N2
1SCA105066R1001
0.54
—
Manual switch-disconnectors OT16...160, IEC
Ordering information
OT100...125F8
OT16...40F6
OT63...80F8
OT16...40FT3
OT63...80FT3
OT100...125FT3
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
23
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More