công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL80FD bảng dữ liệu(PDF) 80 Page - ABB

tên linh kiện OTPL80FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL80FD bảng dữ liệu(HTML) 80 Page - ABB

Back Button OTPL80FD Datasheet HTML 76Page - ABB OTPL80FD Datasheet HTML 77Page - ABB OTPL80FD Datasheet HTML 78Page - ABB OTPL80FD Datasheet HTML 79Page - ABB OTPL80FD Datasheet HTML 80Page - ABB OTPL80FD Datasheet HTML 81Page - ABB OTPL80FD Datasheet HTML 82Page - ABB OTPL80FD Datasheet HTML 83Page - ABB OTPL80FD Datasheet HTML 84Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
OT2000...2500E03P
—
Front operated switch-disconnectors OT1000...4000, base mounting, IEC
Including terminal bolt kit. In OT_P -types a black ON-OFF plastic handle and shaft as
standard.
The handle is IP65 protected and padlockable in the OFF position. The door is interlocked
when the handle is in ON position and in OFF position when the handle is padlocked. The
shaft can be adjusted to different installation depths, see page 127.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents AC22B
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
Handle and shat have to be ordered separately
2
3200
3200
OT3200E02
1SCA128579R1001
22.3
3
3200
3200
OT3200E03
1SCA128480R1001
29.7
4
3200
3200
OT3200E04
1SCA128479R1001
37.1
3
3200
3200
OT3200E12
1SCA128483R1001
22.3
4
3200
3200
OT3200E13
1SCA128484R1001
29.7
4
3200
3200
OT3200E22
1SCA128485R1001
37.1
2
3800
3800
OT4000E02
1SCA128596R1001
25.4
3
3800
3800
OT4000E03
1SCA124847R1001
33.9
4
3800
3800
OT4000E04
1SCA124855R1001
42.7
3
3800
3800
OT4000E12
1SCA128872R1001
33.9
4
3800
3800
OT4000E13
1SCA124859R1001
42.7
4
3800
3800
OT4000E22
1SCA124865R1001
42.5
Handle and shaft are included (see table below)
3
2000
2000
OT2000E03P
1SCA108036R1001
42.0
3+N 1)
2000 2)
2000
OT2000E03N3P 1SCA108037R1001
42.0
4
2000
2000
OT2000E04P
1SCA108038R1001
48.0
3
2000
2000
OT2000E12P
1SCA108039R1001
42.0
4
2000
2000
OT2000E22P
1SCA108041R1001
48.0
3
2500
2500
OT2500E03P
1SCA104972R1001
42.0
3+N 1)
2500 2)
2500
OT2500E03N3P 1SCA108035R1001
42.0
4
2500
2500
OT2500E04P
1SCA105140R1001
49.0
3
2500
2500
OT2500E12P
1SCA104978R1001
42.0
4
2500
2500
OT2500E22P
1SCA105156R1001
49.0
2
3200
3200
OT3200E02P
1SCA128581R1001
23.0
3
3200
3200
OT3200E03P
1SCA128481R1001
30.7
4
3200
3200
OT3200E04P
1SCA128482R1001
38.1
3
3200
3200
OT3200E12P
1SCA128486R1001
30.7
4
3200
3200
OT3200E13P
1SCA128487R1001
38.1
4
3200
3200
OT3200E22P
1SCA128488R1001
38.1
2
3800
3800
OT4000E02P
1SCA128595R1001
26.0
3
3800
3800
OT4000E03P
1SCA124848R1001
34.9
4
3800
3800
OT4000E04P
1SCA124856R1001
43.7
3
3800
3800
OT4000E12P
1SCA124852R1001
34.9
4
3800
3800
OT4000E13P
1SCA124861R1001
43.7
4
3800
3800
OT4000E22P
1SCA124869R1001
43.7
1)
Include a detachable neutral link integrated into the mechanism.
2)
Ith for N-pole =1250 A
—
Recommended shafts, pistol handles and terminal bolt kits
Suitable for switches
Shaft
Handle
Terminal bolt kits
(included as standard)
OT2000…2500_P
OXP12X280
OHB274J12
M12x60
OT3200…4000E02...04
-
-
M12x60
OT3200…4000E02...04P
OXP12X280
OHB274J12
M12x60
OT3200...4000E02P
OT3200...4000E03P
OT3200...4000E04P
OT2500E12P
80
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
80
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More