| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FD bảng dữ liệu(PDF) 113 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FD bảng dữ liệu(HTML) 113 Page - ABB |
|
113 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA A1 7,09 180 0,93 23,5 32,5 1,28 175,2 6,90 B1 C1 5,67 144 41,5 1,63 1,28 160 0,79 7,07 6,30 3,54 3/16 M5 32,5 mm in 65 2,56 13,5 0,53 6 0,24 20 198 7,80 39 1,54 65 2,56 A 3,48 88,5 180 61,5/138,6 2,42/5,46 5,5 0,22 250 9,84 60,4 2,38 5 0,20 45 1,77 12 0,47 22 0,87 125 4,92 min 20 min 0,79 114 4,49 26 1,02 160...285 6,30...11,22 (OXP 12 x 185) 45 1,77 C00013_/13OT630_800_01_04 B OT600 [mm/in] U01 U02 U03 U04 A 136/5,35 201/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1130/5,12195/7,68 260/10,24 325/12,80 C1148/5,83213/8,39 278/10,95 343/13,50 90 A1 7,09 180 0,93 23,5 32,5 1,28 175,2 6,90 B1 C1 5,67 144 41,5 1,63 1,28 160 0,79 7,07 6,30 3,54 3/16 M5 32,5 mm in 65 2,56 13,5 0,53 6 0,24 20 198 7,80 39 1,54 65 2,56 A 3,48 88,5 180 61,5/138,6 2,42/5,46 5,5 0,22 250 9,84 60,4 2,38 5 0,20 45 1,77 12 0,47 22 0,87 125 4,92 min 20 min 0,79 114 4,49 26 1,02 160...285 6,30...11,22 (OXP 12 x 185) 45 1,77 C00013_/13OT630_800_01_04 B OT600 [mm/in] U01 U02 U03 U04 A 136/5,35 201/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1130/5,12195/7,68 260/10,24 325/12,80 C1148/5,83213/8,39 278/10,95 343/13,50 90 OT600U_ 6 0.24 45 1.77 13,5 0.53 65 2.56 9 0.35 18 0.71 180 7.09 175,2 6.90 144 5.67 114,5 4.51 38,9 1.53 80 3.15 32,5 1.28 39 1.54 B 130 5.12 A 160 6.30 5 0.20 110 4.33 174,5 6.87 122,3 4.82 324...422 12.76...16.61 (OXP 12X185) 45 1.77 U11 U12 U13 U22 A 156,3 / 6.15 156,3 / 6.15 156,3 / 6.15 221,3 / 8.71 B 201,4 / 7.93 266,4 / 10.49 331,4 / 13.05 331,4 / 13.05 mm in M5 12 / 0.47 6 0.24 45 1.77 13,5 0.53 65 2.56 9 0.35 18 0.71 180 7.09 175,2 6.90 144 5.67 114,5 4.51 38,9 1.53 80 3.15 32,5 1.28 39 1.54 B 130 5.12 A 160 6.30 5 0.20 110 4.33 174,5 6.87 122,3 4.82 324...422 12.76...16.61 (OXP 12X185) 45 1.77 U11 U12 U13 U22 A 156,3 / 6.15 156,3 / 6.15 156,3 / 6.15 221,3 / 8.71 B 201,4 / 7.93 266,4 / 10.49 331,4 / 13.05 331,4 / 13.05 mm in M5 12 / 0.47 Main dimensions mm, inches OT600U_ [mm/in] U01 U02 U03 U04 A 136/5,35 201/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1 130/5,12 195/7,68 260/10,24 325/12,80 C1 148/5,83 213/8,39 278/10,95 343/13,50 C00013_/13OT630_800_01_04 B OT600U_ [mm/in] U11 U12 U13 U22 A 156,3/6.15 156,3/6.15 156,3/6.15 221,3/8.71 B 201,4/7.93 266,4/10.49 331,4/13.05 331,4/13.05 M00527/OT600U_ A ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 113 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 113 |