| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA333W bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333W bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 42 page ![]() STA333W Register description 35/42 7.8 Device status register (address 0x2D) 7.8.1 Device status register This read-only register provides fault and thermal-warning status information from the power control block. 7.9 Reserved registers (address 0x2E – 0x31) 7.9.1 Reserved register (0x2E) 7.9.2 Reserved register (0x2F) 7.9.3 Reserved register (0x30) 7.9.4 Reserved register (0x31) 7.10 Post scale registers (address 0x32 – 0x33) 7.10.1 Channel 1 post scale D7 D6 D5 D4 D3 D2 D1 D0 PLLUL FAULT UVFAULT OVFAULT OCFAULT OCWARN TFAULT TWARN D7 D6 D5 D4 D3 D2 D1 D0 RES RES RES RES RES RES RES RES D7 D6 D5 D4 D3 D2 D1 D0 RES RES RES RES RES RES RES RES D7 D6 D5 D4 D3 D2 D1 D0 RES RES RES RES RES RES RES RES D7 D6 D5 D4 D3 D2 D1 D0 RES RES RES RES RES RES RES RES D7 D6 D5 D4 D3 D2 D1 D0 C1PS7 C1PS6 C1PS5 C1PS4 C1PS3 C1PS2 C1PS1 C1PS0 01111111 |