| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA333W bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333W bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 42 page ![]() STA333W I2C bus specification 17/42 6.3 Write operation Following the START condition the master sends a device select code with the RW bit set to 0. The STA333W acknowledges this and the writes for the byte of internal address. After receiving the internal byte address the STA333W again responds with an acknowledgement. 6.3.1 Byte write In the byte write mode the master sends one data byte, this is acknowledged by the STA333W. The master then terminates the transfer by generating a STOP condition. 6.3.2 Multi-byte write The multi-byte write modes can start from any internal address. The master generating a STOP condition terminates the transfer. Figure 12. Write mode sequence Figure 13. Read mode sequence DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP BYTE WRITE DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP MULTIBYTE WRITE DATA IN ACK DEV-ADDR ACK START RW DATA NO ACK STOP CURRENT ADDRESS READ DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK STOP RANDOM ADDRESS READ DATA NO ACK START RW DEV-ADDR ACK START DATA ACK DATA ACK STOP SEQUENTIAL CURRENT READ DATA NO ACK DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK SEQUENTIAL RANDOM READ DATA ACK START RW DATA ACK NO ACK STOP DATA RW= HIGH |