| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZIOL2201 bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2201 bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp |
|
71 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 71 April 26, 2016 6.2. Package Details WL-CSP 6.2.1. Pin Hardware Configurations In contrast to the integrated circuit product ZIOL2xxx which is base IC for the ZIOL2xxx IC family, not all derived ICs provide all electrical pin interconnections as provided with the ZIOL2xxx. Table 6.1 shows what pins of the Wafer-Level Chip Scale Package are not connected (n.c.). Table 6.3 Availability of Pin Interconnections Pin Number (QFN package) Pin Name ZIOL 240x 2) 3) ZIOL 241x 2) 3) ZIOL 220x 2) 3) ZIOL 221x 2) 3) ZIOL 210x 2) 3) ZIOL 211x 2) 3) PCB Design Recommendations for not connected (n.c.) Pins F1 COM_I + + + + n.c. n.c. Connect to VSS E2+F1 COM_O + + + + n.c. n.c. Connect to VSS A2 AUX_I + + n.c. n.c. + + Connect to VSS A1+B2 AUX_O + + n.c. n.c. + + Connect to VSS A4 SW + n.c. + n.c. + n.c. Do not connect A6 FB + n.c. + n.c. + n.c. Do not connect 2) “+”: Pin is connected, regular use as mentioned in this datasheet 3) “n.c.”: Pin is not connected, the PC design recommendations shall be considered |