công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 25Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 26Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 27Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 28Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 29Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 30Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 31Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 32Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
8.2.1.2.2 Meeting the Watchdog Timeout Period
The watchdog timeout design requirement can be met either by using a fixed-timeout version of the TPS35-
Q1 or by connecting a capacitor between the CWD pin and GND. The typical values can be met with
preprogrammed fixed time options, hence a pinout offering fixed time options is selected. Please see the Timing
Requirements for a list of fixed timeouts. If using the CWD feature, pinout A or B must be used; please refer
to tWD Timer for instructions on how to program the timout period. The design requirement in this example is
tWD = 1.6s. This is one of the fixed timeout options offered by pinout C or D. Thus the possible variant option is
narrowed down to TPS35Cx13KAxDDFRQ1.
8.2.1.2.3 Setting the Reset Delay
The reset delay requirement can be met either by using a fixed-timeout version of the TPS35-Q1 or by
connecting a capacitor between the CRST pin and GND. The typical values can be met with preprogrammed
fixed time options, hence a pinout offering fixed time options is selected. Please see the Timing Requirements
for a list of fixed timeouts. If using the CRST feature, pinout A or B must be used; please refer to the Timing
Specifications for instructions on how to program the timout period. The design requirement in this example is tD
= 200ms. Thus the possible variant option is narrowed down to TPS35Cx13KAGDDFRQ1.
8.2.1.2.4 Setting the Startup Delay and Output Topology
The startup delay and output topology are set by the device variant. Please refer to Device Comparison for the
possible options. A minimum startup delay of 700ms and open-drain output are desired, thus Option D, 1s typical
startup delay and open-drain active-low, is selected. Thus the option suitable to meet design requirements is
TPS35CD13KAGDDFRQ1.
8.2.1.2.5 Calculating the RESET Pullup Resistor
The TPS35-Q1 uses an open-drain configuration for the RESET output, as shown in Figure 8-2. When the
FET is off, the resistor pulls the drain of the transistor to VDD and when the FET is turned on, the FET pulls
the output to ground, thus creating an effective resistor divider. The resistors in this divider must be chosen
to make sure that VOL is below the maximum value. To choose the proper pullup resistor, there are three key
specifications to keep in mind: the pullup voltage (VPU), the recommended maximum RESET pin current (IRST),
and VOL. The maximum VOL is 0.3V, meaning that the effective resistor divider created must be able to bring the
voltage on the reset pin below 0.3V with IRST kept below 2mA for VDD ≥ 3V and 500μA for VDD = 1.5V. For this
example, with a VPU =VDD = 1.5V, a resistor must be chosen to keep IRST below 500μA because this value is the
maximum consumption current allowed. To make sure this specification is met, a pullup resistor value of 10kΩ
was selected, which sinks a maximum of 180μA when RESET is asserted.
RESET
VDD
RESET
CONTROL
Figure 8-2. Open-Drain RESET Configuration
www.ti.com
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com