công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 14Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 15Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 16Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 17Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
above VIT+. The RESET output assert duration changes from tD to tSTRT + tD if the VDD signal is ramping from
voltage < VPOR. The tD time duration can be programmable using an external capacitor or fixed time options
offered by the device.
The typical timing behavior for a voltage supervisor and the RESET output is showcased in Figure 7-5. The
voltage supervisor monitoring output has higher priority over watchdog functionality. If the device voltage
supervisor output is asserted, the watchdog functionality is disabled including WDO assert control. The device
resumes watchdog related functionality only after the supply is stable and the tD time duration has elapsed.
VDD
WDI
ttDt
tP-HL
Ignore
ttSDt
ttWDt
ttDt
VPOR
VIT+
VIT-
ttWDt
Ignore
ttWDt
ttSDt
ttSDt
Ignore
tP-WD
WDO
RESET
tSTRT + tD
Devices with only RESET output, the output will be AND
operation of RESET and WDO signals.
Figure 7-5. Voltage Supervisor Timing Diagram
7.3.2 Timeout Watchdog Timer
The TPS35-Q1 offers high precision timeout watchdog timer monitoring. The device is available in multiple
pinout options A to D which support multiple features to meet ever expanding needs of various applications.
Make sure a correct pinout is selected to meet the application needs.
The timeout watchdog is active when the VDD voltage is higher than the VIT- + VHYS and the RESET is
deasserted after the tD time. The watchdog stays active as long as VDD > VIT- and watchdog is enabled.
TPS35-Q1 family offers various startup time delay options to make sure enough time is available for the host to
complete boot operation. Please refer Section 7.3.2.3 for additional details.
The timeout watchdog timer monitors the WDI pin for falling edge in the time frame defined by tWD time period.
Refer Section 7.3.2.1 section to arrive at the relevant tWD value needed for application. The timer value is reset
when a valid falling edge is detected on WDI pin in the tWD time duration. When a valid WDI transition is not
detected in tWD time, the device asserts RESET output for pinout options A, B and C or WDO output for pinout
D. The RESET or WDO is asserted for time tD . Refer Section 7.3.4 to arrive at the relevant tD value needed for
application.
Figure 7-6 shows the basic operation for timeout watchdog timer operation. The TPS35-Q1 watchdog
functionality supports multiple features. Details are available in following sub sections.
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com