công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28030RSHT bảng dữ liệu(PDF) 76 Page - Texas Instruments

tên linh kiện TMS320F28030RSHT
Giải thích chi tiết về linh kiện  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28030RSHT bảng dữ liệu(HTML) 76 Page - Texas Instruments

Back Button TMS320F28030RSHT Datasheet HTML 72Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 73Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 74Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 75Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 76Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 77Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 78Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 79Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 175 page
background image
Table 7-22. CLA Control Registers
REGISTER NAME
CLA1
ADDRESS
SIZE (x16)
EALLOW
PROTECTED
DESCRIPTION(1)
MVECT1
0x1400
1
Yes
CLA Interrupt/Task 1 Start Address
MVECT2
0x1401
1
Yes
CLA Interrupt/Task 2 Start Address
MVECT3
0x1402
1
Yes
CLA Interrupt/Task 3 Start Address
MVECT4
0x1403
1
Yes
CLA Interrupt/Task 4 Start Address
MVECT5
0x1404
1
Yes
CLA Interrupt/Task 5 Start Address
MVECT6
0x1405
1
Yes
CLA Interrupt/Task 6 Start Address
MVECT7
0x1406
1
Yes
CLA Interrupt/Task 7 Start Address
MVECT8
0x1407
1
Yes
CLA Interrupt/Task 8 Start Address
MCTL
0x1410
1
Yes
CLA Control Register
MMEMCFG
0x1411
1
Yes
CLA Memory Configure Register
MPISRCSEL1
0x1414
2
Yes
Peripheral Interrupt Source Select Register 1
MIFR
0x1420
1
Yes
Interrupt Flag Register
MIOVF
0x1421
1
Yes
Interrupt Overflow Register
MIFRC
0x1422
1
Yes
Interrupt Force Register
MICLR
0x1423
1
Yes
Interrupt Clear Register
MICLROVF
0x1424
1
Yes
Interrupt Overflow Clear Register
MIER
0x1425
1
Yes
Interrupt Enable Register
MIRUN
0x1426
1
Yes
Interrupt RUN Register
MIPCTL
0x1427
1
Yes
Interrupt Priority Control Register
MPC(2)
0x1428
1
–
CLA Program Counter
MAR0(2)
0x142A
1
–
CLA Aux Register 0
MAR1(2)
0x142B
1
–
CLA Aux Register 1
MSTF(2)
0x142E
2
–
CLA STF Register
MR0(2)
0x1430
2
–
CLA R0H Register
MR1(2)
0x1434
2
–
CLA R1H Register
MR2(2)
0x1438
2
–
CLA R2H Register
MR3(2)
0x143C
2
–
CLA R3H Register
(1)
All registers in this table are CSM protected
(2)
The main C28x CPU has read only access to this register for debug purposes. The main CPU cannot perform CPU or debugger writes
to this register.
Table 7-23. CLA Message RAM
ADDRESS RANGE
SIZE (x16)
DESCRIPTION
0x1480 – 0x14FF
128
CLA to CPU Message RAM
0x1500 – 0x157F
128
CPU to CLA Message RAM
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
www.ti.com
76
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com