công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28030RSHT bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TMS320F28030RSHT
Giải thích chi tiết về linh kiện  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28030RSHT bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TMS320F28030RSHT Datasheet HTML 1Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 2Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 3Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 4Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 5Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 6Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 7Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 8Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 175 page
background image
2 Applications
• Air conditioner outdoor unit
• Door operator drive control
• DC/DC converter
• Inverter & motor control
• On-board (OBC) & wireless charger
• Automated sorting equipment
• Textile machine
• Welding machine
• AC charging (pile) station
• DC charging (pile) station
• EV charging station power module
• Wireless vehicle charging module
• Energy storage power conversion system (PCS)
• Micro inverter
• Solar power optimizer
• String inverter
• AC drive control module
• Linear motor segment controller
• Servo drive power stage module
• AC-input BLDC motor drive
• DC-input BLDC motor drive
• Industrial AC-DC
• Three phase UPS
• Merchant network & server PSU
• Merchant telecom rectifiers
3 Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-loop
performance in real-time control applications such as industrial motor drives; solar inverters and digital power;
electrical vehicles and transportation; motor control; and sensing and signal processing. The C2000 line includes
the Premium performance MCUs and the Entry performance MCUs.
The F2803x family of microcontrollers provides the power of the C28x core and Control Law Accelerator (CLA)
coupled with highly integrated control peripherals in low pin-count devices. This family is code-compatible with
previous C28x-based code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the HRPWM
to allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit references have
been added and can be routed directly to control the PWM outputs. The ADC converts from 0 to 3.3V fixed
full-scale range and supports ratio-metric VREFHI/VREFLO references. The ADC interface has been optimized for
low overhead and latency.
To learn more about the C2000 MCUs, visit the C2000™ real-time control MCUs page.
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com