công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28030RSHT bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện TMS320F28030RSHT
Giải thích chi tiết về linh kiện  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28030RSHT bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMS320F28030RSHT Datasheet HTML 9Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 10Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 11Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 12Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 13Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 14Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 15Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 16Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 175 page
background image
Table 5-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
PN
PIN NO.
PAG
PIN NO.
RSH
PIN NO.
CLOCK
XCLKOUT
See GPIO18
–
O/Z
See GPIO18. Output clock derived from SYSCLKOUT. XCLKOUT is either
the same frequency, one-half the frequency, or one-fourth the frequency of
SYSCLKOUT. This is controlled by bits 1:0 (XCLKOUTDIV) in the XCLK register.
At reset, XCLKOUT = SYSCLKOUT/4. The XCLKOUT signal can be turned off
by setting XCLKOUTDIV to 3. The mux control for GPIO18 must also be set to
XCLKOUT for this signal to propagate to the pin.
XCLKIN
See GPIO19 and GPIO38
I
See GPIO19 and GPIO38. External oscillator input. Pin source for the clock is
controlled by the XCLKINSEL bit in the XCLK register, GPIO38 is the default
selection. This pin feeds a clock from an external 3.3-V oscillator. In this case,
the X1 pin, if available, must be tied to GND and the on-chip crystal oscillator
must be disabled through bit 14 in the CLKCTL register. If a crystal/resonator is
used, the XCLKIN path must be disabled by bit 13 in the CLKCTL register.
NOTE: Designs that use the GPIO38/TCK/XCLKIN pin to supply an external
clock for normal device operation may need to incorporate some hooks to
disable this path during debug using the JTAG connector. This is to prevent
contention with the TCK signal, which is active during JTAG debug sessions. The
zero-pin internal oscillators may be used during this time to clock the device.
X1
52
41
36
I
On-chip 1.8-V crystal-oscillator input. To use this oscillator, a quartz crystal or
a ceramic resonator must be connected across X1 and X2. In this case, the
XCLKIN path must be disabled by bit 13 in the CLKCTL register. If this pin is not
used, it must be tied to GND. (I)
X2
51
40
35
O
On-chip crystal-oscillator output. A quartz crystal or a ceramic resonator must be
connected across X1 and X2. If X2 is not used, it must be left unconnected. (O)
RESET
XRS
9
7
5
I/O
Device Reset (in) and Watchdog Reset (out). These devices have a built-in
power-on reset (POR) and brown-out reset (BOR) circuitry. During a power-on or
brown-out condition, this pin is driven low by the device. An external circuit may
also drive this pin to assert a device reset. This pin is also driven low by the MCU
when a watchdog reset occurs. During watchdog reset, the XRS pin is driven low
for the watchdog reset duration of 512 OSCCLK cycles. A resistor with a value
from 2.2 kΩ to 10 kΩ should be placed between XRS and VDDIO. If a capacitor is
placed between XRS and VSS for noise filtering, it should be 100 nF or smaller.
These values will allow the watchdog to properly drive the XRS pin to VOL
within 512 OSCCLK cycles when the watchdog reset is asserted. Regardless
of the source, a device reset causes the device to terminate execution. The
program counter points to the address contained at the location 0x3F FFC0.
When reset is deactivated, execution begins at the location designated by the
program counter. The output buffer of this pin is an open-drain device with an
internal pullup. (↑) If this pin is driven by an external device, it should be done
using an open-drain device.
ADC, COMPARATOR, ANALOG I/O
ADCINA7
11
9
7
I
ADC Group A, Channel 7 input
ADCINA6
12
10
8
I
ADC Group A, Channel 6 input
COMP3A
I
Comparator Input 3A
AIO6
I/O
Digital AIO 6
ADCINA5
13
–
–
I
ADC Group A, Channel 5 input
ADCINA4
14
11
9
I
ADC Group A, Channel 4 input
COMP2A
I
Comparator Input 2A
AIO4
I/O
Digital AIO 4
ADCINA3
15
12
10
I
ADC Group A, Channel 3 input
ADCINA2
16
13
11
I
ADC Group A, Channel 2 input
COMP1A
I
Comparator Input 1A
AIO2
I/O
Digital AIO 2
www.ti.com
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com