công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28030RSHT bảng dữ liệu(PDF) 40 Page - Texas Instruments

tên linh kiện TMS320F28030RSHT
Giải thích chi tiết về linh kiện  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28030RSHT bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button TMS320F28030RSHT Datasheet HTML 36Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 37Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 38Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 39Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 40Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 41Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 42Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 43Page - Texas Instruments TMS320F28030RSHT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 175 page
background image
7 Detailed Description
7.1 Overview
7.1.1 CPU
The 2803x (C28x) family is a member of the TMS320C2000™ microcontroller (MCU) platform. The C28x-based
controllers have the same 32-bit fixed-point architecture as existing C28x MCUs. It is a very efficient C/C++
engine, enabling users to develop not only their system control software in a high-level language, but also
enabling development of math algorithms using C/C++. The device is as efficient at MCU math tasks as it is at
system control tasks that typically are handled by microcontroller devices. This efficiency removes the need for
a second processor in many systems. The 32 × 32-bit MAC 64-bit processing capabilities enable the controller
to handle higher numerical resolution problems efficiently. Add to this the fast interrupt response with automatic
context save of critical registers, resulting in a device that is capable of servicing many asynchronous events
with minimal latency. The device has an 8-level-deep protected pipeline with pipelined memory accesses. This
pipelining enables it to execute at high speeds without resorting to expensive high-speed memories. Special
branch-look-ahead hardware minimizes the latency for conditional discontinuities. Special store conditional
operations further improve performance.
7.1.2 Control Law Accelerator (CLA)
The C28x control law accelerator is a single-precision (32-bit) floating-point unit that extends the capabilities of
the C28x CPU by adding parallel processing. The CLA is an independent processor with its own bus structure,
fetch mechanism, and pipeline. Eight individual CLA tasks, or routines, can be specified. Each task is started
by software or a peripheral such as the ADC, an ePWM, or CPU Timer 0. The CLA executes one task at
a time to completion. When a task completes the main CPU is notified by an interrupt to the PIE and the
CLA automatically begins the next highest-priority pending task. The CLA can directly access the ADC Result
registers and the ePWM+HRPWM registers. Dedicated message RAMs provide a method to pass additional
data between the main CPU and the CLA.
7.1.3 Memory Bus (Harvard Bus Architecture)
As with many MCU-type devices, multiple buses are used to move data between the memories and peripherals
and the CPU. The memory bus architecture contains a program read bus, data read bus, and data write bus.
The program read bus consists of 22 address lines and 32 data lines. The data read and write buses consist
of 32 address lines and 32 data lines each. The 32-bit-wide data buses enable single cycle 32-bit operations.
The multiple bus architecture, commonly termed Harvard Bus, enables the C28x to fetch an instruction, read a
data value and write a data value in a single cycle. All peripherals and memories attached to the memory bus
prioritize memory accesses. Generally, the priority of memory bus accesses can be summarized as follows:
Highest:
Data Writes
(Simultaneous data and program writes cannot occur on the memory bus.)
Program Writes
(Simultaneous data and program writes cannot occur on the memory bus.)
Data Reads
Program Reads
(Simultaneous program reads and fetches cannot occur on the
memory bus.)
Lowest:
Fetches
(Simultaneous program reads and fetches cannot occur on the
memory bus.)
7.1.4 Peripheral Bus
To enable migration of peripherals between various Texas Instruments (TI) MCU family of devices, the devices
adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge multiplexes the various
buses that make up the processor Memory Bus into a single bus consisting of 16 address lines and 16
or 32 data lines and associated control signals. Three versions of the peripheral bus are supported. One
version supports only 16-bit accesses (called peripheral frame 2). Another version supports both 16- and 32-bit
accesses (called peripheral frame 1). The third version supports CLA access and both 16- and 32-bit accesses
(called peripheral frame 3).
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com