công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC1T45DBVR bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện SN74AXC1T45DBVR
Giải thích chi tiết về linh kiện  SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC1T45DBVR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button SN74AXC1T45DBVR Datasheet HTML 9Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 10Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 11Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 12Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 13Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 14Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 15Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 16Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
5.8 Typical Characteristics (continued)
Supply B (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3
6
9
12
15
18
21
24
27
D007
CL = 45 pF
CL = 62 pF
CL = 79 pF
CL = 105 pF
CL = 123 pF
TA = 25°C
VCCA = 3.3V
Figure 5-7. Typical Propagation Delay of Low-to-High
(A to B) vs Load Capacitance
Supply B (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3
6
9
12
15
18
21
24
27
D006
CL = 45 pF
CL = 62 pF
CL = 79 pF
CL = 105 pF
CL = 123 pF
TA = 25°C
VCCA = 2.5V
Figure 5-8. Typical Propagation Delay of Low-to-High
(A to B) vs Load Capacitance
Supply A (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
15
20
25
30
35
40
45
50
D008
CL = 45 pF
CL = 62 pF
CL = 79 pF
CL = 105 pF
CL = 123 pF
TA = 25°C
VCCA = 0.7V
Figure 5-9. Typical Propagation Delay of Low-to-High
(B to A) vs Load Capacitance
Supply A (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
10
15
20
25
30
35
40
D009
CL = 45 pF
CL = 62 pF
CL = 79 pF
CL = 105 pF
CL = 123 pF
TA = 25°C
VCCA = 0.8V
Figure 5-10. Typical Propagation Delay of Low-to-High
(B to A) vs Load Capacitance
Supply A (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
9
12
15
18
21
24
27
30
33
36
D010
CL = 45 pF
CL = 62 pF
CL = 79 pF
CL = 105 pF
CL = 123 pF
TA = 25°C
VCCA = 0.9V
Figure 5-11. Typical Propagation Delay of Low-to-High
(B to A) vs Load Capacitance
Supply A (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
7.5
10
12.5
15
17.5
20
22.5
25
27.5
D011
CL = 45 pF
CL = 62 pF
CL = 79 pF
CL = 105 pF
CL = 123 pF
TA = 25°C
VCCA = 1.2V
Figure 5-12. Typical Propagation Delay of Low-to-High
(B to A) vs Load Capacitance
www.ti.com
SN74AXC1T45
SCES882E – DECEMBER 2017 – REVISED DECEMBER 2023
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74AXC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com