công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC1T45DBVR bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN74AXC1T45DBVR
Giải thích chi tiết về linh kiện  SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC1T45DBVR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74AXC1T45DBVR Datasheet HTML 1Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 2Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 3Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 4Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 5Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 6Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 7Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 8Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX UNIT
VCCA
Supply voltage A
–0.5
4.2
V
VCCB
Supply voltage B
–0.5
4.2
V
VI
Input Voltage(2)
I/O Ports (A Port)
–0.5
4.2
V
I/O Ports (B Port)
–0.5
4.2
Control Inputs
–0.5
4.2
VO
Voltage applied to any output in the high-impedance or power-off state(2)
A Port
–0.5
4.2
V
B Port
–0.5
4.2
VO
Voltage applied to any output in the high or low state(2) (3)
A Port
–0.5 VCCA + 0.2
V
B Port
–0.5 VCCB + 0.2
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
–50
50
mA
Continuous current through VCC or GND
–100
100
mA
TJ
Junction Temperature
150
°C
TSTG
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 4.2V maximum if the output current rating is observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±8000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
SN74AXC1T45
SCES882E – DECEMBER 2017 – REVISED DECEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AXC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com