công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC1T45DBVR bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện SN74AXC1T45DBVR
Giải thích chi tiết về linh kiện  SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC1T45DBVR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button SN74AXC1T45DBVR Datasheet HTML 17Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 18Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 19Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 20Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 21Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 22Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 23Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 24Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
8.2.2 Bidirectional Logic Level-Shifting Application
Figure 8-3 shows the SN74AXC1T45 being used in a bidirectional logic level-shifting application. Because the
SN74AXC1T45 does not have an output-enable (OE) pin, the system designer should take precautions to avoid
bus contention between SYSTEM-1 and SYSTEM-2 when changing directions.
1
2
3
6
5
4
VCC1
VCC1
VCC2
SYSTEM-1
SYSTEM-2
DIR CTRL
I/O-1
I/O-2
Pullup/Pulldown
or Bus Hold†
VCC2
Pullup/Pulldown
or Bus Hold†
Figure 8-3. Bidirectional Logic Level-Shifting Application
Table 8-3 lists the data transmission from SYSTEM-1 to SYSTEM-2 and then from SYSTEM-2 to SYSTEM-1.
Table 8-3. Data Transmission: SYSTEM-1 and SYSTEM-2
STATE
DIR CTRL
I/O-1
I/O-2
DESCRIPTION
1
H
Out
In
SYSTEM-1 data to SYSTEM-2.
2
H
Hi-Z
Hi-Z
SYSTEM-2 is getting ready to send data to SYSTEM-1. I/O-1 and I/O-2 are disabled. The
bus-line state depends on pullup or pulldown resistors.(1)
3
L
Hi-Z
Hi-Z
DIR bit is flipped. I/O-1 and I/O-2 still are disabled. The bus-line state depends on pullup or
pulldown resistors.(1)
4
L
In
Out
SYSTEM-2 data to SYSTEM-1.
(1)
SYSTEM-1 and SYSTEM-2 must use the same conditions, essentially, both pullup or both pulldown.
8.2.2.1 Design Requirements
Refer to Design Requirements.
8.2.2.2 Detailed Design Procedure
Refer to Detailed Design Procedure.
www.ti.com
SN74AXC1T45
SCES882E – DECEMBER 2017 – REVISED DECEMBER 2023
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN74AXC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com