công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC1T45DBVR bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74AXC1T45DBVR
Giải thích chi tiết về linh kiện  SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC1T45DBVR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74AXC1T45DBVR Datasheet HTML 3Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 4Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 5Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 6Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 7Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 8Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 9Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 10Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
5.6 Switching Characteristics
Table 5-1. Switching Characteristics, VCCA = 0.7V
PARAMETER
FROM
TO
TEST
CONDITIONS
B–PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1V
1.5 ± 0.1V
1.8 ± 0.15 V
2.5 ± 0.2V
3.3 ± 0.3V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation delay
A
B
–40°C to 85°C
0.5
173
0.5
117
0.5
85
0.5
51
0.5
50
0.5
53
0.5
65
0.5
143
ns
–40°C to 125°C
0.5
173
0.5
117
0.5
85
0.5
51
0.5
50
0.5
53
0.5
65
0.5
143
B
A
–40°C to 85°C
0.5
173
0.5
154
0.5
127
0.5
88
0.5
83
0.5
82
0.5
80
0.5
80
–40°C to 125°C
0.5
173
0.5
154
0.5
127
0.5
88
0.5
83
0.5
82
0.5
80
0.5
80
tdis
Disable time
DIR
A
–40°C to 85°C
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
ns
–40°C to 125°C
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
0.5
143
DIR
B
–40°C to 85°C
0.5
163
0.5
123
0.5
100
0.5
50
0.5
45
0.5
49
0.5
61
0.5
109
–40°C to 125°C
0.5
163
0.5
123
0.5
100
0.5
50
0.5
45
0.5
49
0.5
61
0.5
109
ten
Enable time
DIR
A
–40°C to 85°C
0.5
389
0.5
331
0.5
287
0.5
143
0.5
134
0.5
137
0.5
147
0.5
200
ns
–40°C to 125°C
0.5
406
0.5
333
0.5
287
0.5
143
0.5
134
0.5
137
0.5
147
0.5
200
DIR
B
–40°C to 85°C
0.5
369
0.5
313
0.5
281
0.5
247
0.5
246
0.5
249
0.5
261
0.5
339
–40°C to 125°C
0.5
395
0.5
339
0.5
307
0.5
273
0.5
272
0.5
275
0.5
287
0.5
365
Table 5-2. Switching Characteristics, VCCA = 0.8V
PARAMETER
FROM
TO
TEST
CONDITIONS
B–PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1V
1.5 ± 0.1V
1.8 ± 0.15 V
2.5 ± 0.2V
3.3 ± 0.3V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation delay
A
B
–40°C to 85°C
0.5
153
0.5
95
0.5
64
0.5
33
0.5
27
0.5
26
0.5
27
0.5
36
ns
–40°C to 125°C
0.5
153
0.5
95
0.5
64
0.5
33
0.5
27
0.5
26
0.5
27
0.5
36
B
A
–40°C to 85°C
0.5
117
0.5
96
0.5
78
0.5
52
0.5
42
0.5
41
0.5
40
0.5
39
–40°C to 125°C
0.5
117
0.5
96
0.5
78
0.5
52
0.5
42
0.5
41
0.5
40
0.5
39
tdis
Disable time
DIR
A
–40°C to 85°C
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
ns
–40°C to 125°C
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
0.5
100
DIR
B
–40°C to 85°C
0.5
151
0.5
111
0.5
88
0.5
38
0.5
32
0.5
30
0.5
30
0.5
38
–40°C to 125°C
0.5
151
0.5
111
0.5
88
0.5
38
0.5
32
0.5
30
0.5
30
0.5
38
ten
Enable time
DIR
A
–40°C to 85°C
0.5
321
0.5
261
0.5
226
0.5
96
0.5
80
0.5
78
0.5
76
0.5
87
ns
–40°C to 125°C
0.5
341
0.5
266
0.5
229
0.5
97
0.5
80
0.5
78
0.5
76
0.5
87
DIR
B
–40°C to 85°C
0.5
309
0.5
251
0.5
220
0.5
189
0.5
183
0.5
182
0.5
183
0.5
192
–40°C to 125°C
0.5
317
0.5
259
0.5
228
0.5
197
0.5
191
0.5
190
0.5
191
0.5
200
www.ti.com
SN74AXC1T45
SCES882E – DECEMBER 2017 – REVISED DECEMBER 2023
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74AXC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com