công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9805E bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện L9805E
Giải thích chi tiết về linh kiện  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 27Page - STMicroelectronics L9805E Datasheet HTML 28Page - STMicroelectronics L9805E Datasheet HTML 29Page - STMicroelectronics L9805E Datasheet HTML 30Page - STMicroelectronics L9805E Datasheet HTML 31Page - STMicroelectronics L9805E Datasheet HTML 32Page - STMicroelectronics L9805E Datasheet HTML 33Page - STMicroelectronics L9805E Datasheet HTML 34Page - STMicroelectronics L9805E Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 125 page
background image
L9805E
Voltage regulator
31/125
4
Voltage regulator
4.1
Introduction
The on chip voltage regulator provides two regulated voltages, nominally 5V both. VCC
supplies ADC and the analog periphery and VDD supplies the microcontroller and logic
parts. These voltage are available at pins VCC and VDD to supply external components and
to connect a capacitors to optimize EMI performance. A pre-regulator circuit allows to
connect external tantalum capacitors to a lower (10V) voltage (VB2 pin).
4.1.1
Functional description
The main supply voltage is taken from VB1 pin. A voltage pre-regulator provides the
regulated voltage on pin VB2. VB2 is the supply for the digital and analog regulators. The
block diagram shows the connections between the regulators and the external pins.
In order to prevent negative spikes on the battery line to propagate on the internal supply
generating spurious reset, a series diode supply VB1 pin is recommended.
Figure 15.
Voltage regulation block diagram
ADC
PRE-REGULATOR
VB1
VB2
force
ANALOG
VOLTAGE
REGULATOR
sense
VCC
AGND
DIGITAL
VOLTAGE
REGULATOR
VDD
GND
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com