| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9805E bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9805E bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 125 page ![]() On-chip peripherals L9805E 96/125 Table 15. Functional description Drive EN PWM_EN DIR PWM1 IN1 IN2 UL DL UR DR Operation Configuration 0 X X X X X 00 00 INHIBIT 1 0 X X 0 0 0 1 0 1 BRAKE Full or Two Half Bridges 1 0 X X 0 1 01 10 BACK Full or Two Half Bridges 1 0 X X 1 0 10 01 FORWARD Full or Two Half Bridges 1 0 X X 1 1 1 0 1 0 BRAKE Full or Two Half Bridges 1 1 0 0 0 0 1 0 1 0 BRAKE Full Bridge 1 1 0 1 0 0 1 0 0 1 FORWARD Full Bridge 1 1 1 0 0 0 1 0 1 0 BRAKE Full Bridge 1 1 1 1 0 0 0 1 1 0 BACK Full Bridge |