công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9805E bảng dữ liệu(PDF) 100 Page - STMicroelectronics

tên linh kiện L9805E
Giải thích chi tiết về linh kiện  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E bảng dữ liệu(HTML) 100 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 96Page - STMicroelectronics L9805E Datasheet HTML 97Page - STMicroelectronics L9805E Datasheet HTML 98Page - STMicroelectronics L9805E Datasheet HTML 99Page - STMicroelectronics L9805E Datasheet HTML 100Page - STMicroelectronics L9805E Datasheet HTML 101Page - STMicroelectronics L9805E Datasheet HTML 102Page - STMicroelectronics L9805E Datasheet HTML 103Page - STMicroelectronics L9805E Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 125 page
background image
On-chip peripherals
L9805E
100/125
Figure 50.
EEPROM block diagram
5.9.2
Functional description
Read operation (E2LAT=0)
The EEPROM can be read as a normal ROM/RAM location when the E2LAT bit of the
EEPCR register is cleared. The address decoder selects the desired byte. The 8 sense
amplifiers evaluate the stored byte which is put on the data bus.
Write operation (E2LAT=1)
The EEPROM programming flowchart is shown in Figure 52.
To access the write mode, E2LAT bit has to be set by software (the E2PGM bit remains
cleared). When a write access to the EEPROM area occurs, the value is latched inside the
16 data latches according to its address.
When E2PGM bit is set by into the software, all the previous bytes written in the data latches
(up to 16) are programmed in the EEPROM cells. The effective high address (row) is
determined by the last EEPROM write sequence. To avoid wrong programming, the user
must take care that all the bytes written between two programming sequences have the
same high address: only the four Least Significant Bits of the address can change.
BUFFER
ROW
DECODER
4*8 BITS
DATA LATCHES
DATA
MULTIPLEXER
HIGH VOLTAGE PUMP
EEPROM
MEMORY
MATRIX
1 ROW = 4 * 8 BITS
ADDRESS
DECODER
ADDRESS
BUS
DATA
BUS
E2ITE E2LAT E2PGM
EEPCR
.
.
.
.
.
.
32
32
8
8
4
4
12
INTERRUPT
REQUEST
FALLING
EDGE
DETECTOR
8 bit
Read amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com