công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9805E bảng dữ liệu(PDF) 84 Page - STMicroelectronics

tên linh kiện L9805E
Giải thích chi tiết về linh kiện  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E bảng dữ liệu(HTML) 84 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 80Page - STMicroelectronics L9805E Datasheet HTML 81Page - STMicroelectronics L9805E Datasheet HTML 82Page - STMicroelectronics L9805E Datasheet HTML 83Page - STMicroelectronics L9805E Datasheet HTML 84Page - STMicroelectronics L9805E Datasheet HTML 85Page - STMicroelectronics L9805E Datasheet HTML 86Page - STMicroelectronics L9805E Datasheet HTML 87Page - STMicroelectronics L9805E Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 125 page
background image
On-chip peripherals
L9805E
84/125
Bit 2 = FSYN Fast Synchronization
Read/Set/Clear
Set by software to enable a fast resynchronization when leaving standby mode, i.e. wait for
only 11 recessive bits in a row.
Cleared by software to enable the standard resynchronization when leaving standby mode,
i.e. wait for 128 sequences of 11 recessive bits.
Bit 1 = WKPS Wake-up Pulse
Read/Set/Clear
Set by software to generate a dominant pulse when leaving standby mode.
Cleared by software for no dominant wake-up pulse.
Bit 0 = RUN CAN Enable
Read/Set/Clear
Set by software to leave standby mode after 128 sequences of 11 recessive bits or just 11
recessive bits if FSYN is set.
Cleared by software to request a switch to the standby or low-power mode as soon as any
on-going transfer is complete. Read-back as 1 in the meantime to enable proper signalling
of the standby state. The CPU clock may therefore be safely switched OFF whenever RUN
is read as 0.
BAUD RATE PRESCALER REGISTER (BRPR)
Adress: 005Dh - Read/Write in Standby mode
Reset Value: 00h
RJW[1:0] determine the maximum number of time quanta by which a bit period may be
shortened or lengthened to achieve resynchronization.
tRJW = tCAN * (RJW + 1)
BRP[5:0] determine the CAN system clock cycle time or time quanta which is used to build
up the individual bit timing.
tCAN = tCPU * (BRP + 1)
Where tCPU = time period of the CPU clock.
The resulting baud rate can be computed by the formula:
Note:
Writing to this register is allowed only in Standby mode to prevent any accidental CAN
protocol violation through programming errors.
BIT TIMING REGISTER (BTR)
Adress: 005Eh - Read/Write in Standby mode
Reset Value: 23h
7
0
RJW1
RJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
BR
1
t
CPU
BRP
1
+

BS1
BS2
3
++

--------------------------------------------------------------------------------------------------
=
7
0
0
BS22
BS21
BS20
BS13
BS12
BS11
BS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com