| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW4810CHDRLF bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4810CHDRLF bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 78 page ![]() Functional description STw4810 42/78 Data transmission The transceiver transmits USB data in the following conditions for USB control register 1 ( Table 31, Table 32): uart_en=0; oe_int_en=0 If oe_int_en = 1 and suspend=1 (USB control register 1 - Table 11), the USBOEn ball becomes an output used to generate an IT to multimedia processor. Table 31. Data transmission via USB control register 1 (DAT_SE0 mode) - Suspend = 0 USB mode (DAT_SE0) Inputs Outputs Comments USBVP USBVM DP DN USBRCV 1 (DAT_SE0 mode) 0 0 0 1 Not used Single ended data (zero sent) 1 (DAT_SE0 mode) 1 0 1 0 Not used Single ended data (1 sent) 1 (DAT_SE0 mode) x 1 0 0 Not used Force single ended zero 0 (VP_VM mode) 0 0 0 0 DIFF_RX DAT_VP drives the level of DP SE0_VM drives the level of DN 0 (VP_VM mode) 1 0 1 0 DIFF_RX 0 (VP_VM mode) 0 1 0 1 DIFF_RX 0 (VP_VM mode) 1 1 1 1 DIFF_RX Table 32. Data transmission via USB control register 1 (DAT_SE0 mode) - Suspend = 1 USB mode (dat_se0) Inputs Outputs Comments USBVP USBVM DP DN USBRCV 1 (DAT_SE0 mode) 0 0 0 1 not used Single ended data (zero sent) 1 (DAT_SE0 mode) 1 0 1 0 not used Single ended data (1 sent) 1 (DAT_SE0 mode) x 1 0 0 not used Force single ended zero 0 (VP_VM mode) 0 0 0 0 0 (off) Driver are suspended 0 (VP_VM mode) 1 0 1 0 0 (off) 0 (VP_VM mode) 0 1 0 1 0 (off) 0 (VP_VM mode) 1 1 1 1 0 (off) |