công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5064PMH/NOPB bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện LM5064PMH/NOPB
Giải thích chi tiết về linh kiện  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 47Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 48Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 49Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 50Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 51Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 52Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 53Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 54Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
WRITING TELEMETRY DATA
There are several locations that will require writing data if their optional usage is desired. Use the same
coefficients previously calculated for your application, and apply them using this method as prescribed by the
PMBus revision section 7.2.2 "Sending a Value"
Y = (mX + b) x 10
R
(36)
Where:
X: the calculated "real-world" value (volts, amps, watts, temperature)
m: the slope coefficient, is the two byte, two's complement integer
Y: a two byte two's complement integer received from device
b: the offset, a two byte, two's complement integer
R: the exponent, a one byte two's complement integer
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com