| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM5064PMH/NOPB bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5064PMH/NOPB bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 64 page ![]() LM5064 SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013 www.ti.com MFR_SPECIFIC_18: AVG_BLOCK_READ (E2h) The AVG_BLOCK_READ command concatenates the DIAGNOSTIC_WORD with input and output average telemetry information (IIN, VOUT, VIN, PIN) as well as temperature to capture all of the operating information of the part in a single PMBus transaction. The block is 12 bytes long with telemetry information being sent out in the same manner as if an individual READ_AVG_XXX command had been issued (shown below). AVG_BLOCK_READ also ensures that the VIN, VOUT, and IIN measurements are all time-aligned whereas there is a chance they may not be if read with individual PMBus commands. To read data from the AVG_BLOCK_READ command, use the SMBus Block Read protocol. Table 39. AVG_BLOCK_READ Register Format Byte Count (always 12) (1 byte) DIAGNOSTIC_WORD (1 word) AVG_IIN (1 word) AVG_VOUT (1 word) AVG_VIN (1 word) AVG_PIN (1 word) TEMPERATURE (1 word) 46 Submit Documentation Feedback Copyright © 2011–2013, Texas Instruments Incorporated Product Folder Links: LM5064 |