công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL.B bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện DLP4710LCFQL.B
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 10Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 11Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 12Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 13Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 14Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 15Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
6.5 Thermal Information
THERMAL METRIC(1)
DLP4710LC
UNIT
FQL (LGA)
100 PINS
Thermal resistance
Active area to test point 1 (TP1)(1)
1.1
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Recommended Operating Conditions. The total heat load on
the DMD is largely driven by the incident light absorbed by the active area; although other contributions include light energy absorbed
by the window aperture and electrical power dissipation of the array. Optical systems should be designed to minimize the light energy
falling outside the window clear aperture since any additional thermal load in this area can significantly degrade the reliability of the
device.
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
CURRENT
IDD
Supply current: VDD(3) (4)
VDD = 1.95 V
260
mA
VDD = 1.8 V
180
IDDI
Supply current: VDDI(3) (4)
VDDI = 1.95 V
62
mA
VDDI = = 1.8 V
40
IOFFSET
Supply current: VOFFSET(5) (6)
VOFFSET = 10.5 V
7.4
mA
VOFFSET = 10 V
6.3
IBIAS
Supply current: VBIAS(5) (6)
VBIAS = 18.5 V
1.1
mA
VBIAS = 18 V
0.9
IRESET
Supply current: VRESET(6)
VRESET = –14.5 V
5.4
mA
VRESET = –14 V
4.4
POWER(7)
PDD
Supply power dissipation: VDD(3)
(4)
VDD = 1.95 V
507
mW
VDD = 1.8 V
324
PDDI
Supply power dissipation: VDDI(3)
(4)
VDDI = 1.95 V
120.9
mW
VDD = 1.8 V
72
POFFSET
Supply power dissipation:
VOFFSET(5) (6)
VOFFSET = 10.5 V
77.7
mW
VOFFSET = 10 V
63
PBIAS
Supply power dissipation:
VBIAS(5) (6)
VBIAS = 18.5 V
20.35
mW
VBIAS = 18 V
16.2
PRESET
Supply power dissipation:
VRESET(6)
VRESET = –14.5 V
78.3
mW
VRESET = –14 V
61.6
PTOTAL
Supply power dissipation: Total
536.8
804.25
mW
LPSDR INPUT(8)
VIH(DC)
DC input high voltage(9)
0.7 × VDD
VDD + 0.3
V
VIL(DC)
DC input low voltage(9)
–0.3
0.3 × VDD
V
VIH(AC)
AC input high voltage(9)
0.8 × VDD
VDD + 0.3
V
VIL(AC)
AC input low voltage(9)
–0.3
0.2 × VDD
V
∆VT
Hysteresis ( VT+ – VT– )
Figure 6-12
0.1 × VDD
0.4 × VDD
V
IIL
Low–level input current
VDD = 1.95 V; VI = 0 V
–100
nA
IIH
High–level input current
VDD = 1.95 V; VI = 1.95 V
100
nA
LPSDR OUTPUT(10)
VOH
DC output high voltage
IOH = –2 mA
0.8 × VDD
V
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com