công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL.B bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện DLP4710LCFQL.B
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 16Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 17Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 18Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 19Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 20Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 21Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 22Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 23Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
6.10 Physical Characteristics of the Micromirror Array
PARAMETER
VALUE
UNIT
Number of active columns See Figure 6-16
1920
micromirrors
Number of active rows
See Figure 6-16
1080
micromirrors
ε
Micromirror (pixel) pitch
See Figure 6-17
5.4
µm
Micromirror active array
width
Micromirror pitch × number of active columns; see Figure 6-16
10.368
mm
Micromirror active array
height
Micromirror pitch × number of active rows; see Figure 6-16
5.832
mm
Micromirror active border
Pond of micromirror (POM)(1)
20
micromirrors/side
(1)
The structure and qualities of the border around the active array includes a band of partially functional micromirrors called the POM.
These micromirrors are structurally and/or electrically prevented from tilting toward the bright or ON state, but still require an electrical
bias to tilt toward OFF.
1920 × 1080 mirrors
Illumination
Width .
Height
Mirror 0
Mirror 1
Mirror 2
Mirror 3
Mirror 1076
Mirror 1077
Mirror 1078
Mirror 1079
Figure 6-16. Micromirror Array Physical Characteristics
°H
°H
°H
°H
Figure 6-17. Mirror (Pixel) Pitch
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com